Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB2512
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 28Page - Microchip Technology USB2512 Datasheet HTML 29Page - Microchip Technology USB2512 Datasheet HTML 30Page - Microchip Technology USB2512 Datasheet HTML 31Page - Microchip Technology USB2512 Datasheet HTML 32Page - Microchip Technology USB2512 Datasheet HTML 33Page - Microchip Technology USB2512 Datasheet HTML 34Page - Microchip Technology USB2512 Datasheet HTML 35Page - Microchip Technology USB2512 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
USB251xB/xBi
DS00001692C-page 32
 2010 - 2015 Microchip Technology Inc.
5.1.32
REGISTER FFH: STATUS/COMMAND
5.2
I2C EEPROM
The hub can be configured via a 2-wire (I2C) EEPROM (256x8). See Table 5-1 for details on enabling the I2C EEPROM
interface. The I2C EEPROM interface implements a subset of the I2C Master Specification (refer to the Philips Semi-
conductor Standard I2C-Bus Specification I2C protocol for details). The hub’s interface is designed to attach to a single
dedicated I2C EEPROM which conforms to the Standard-mode I2C specification (100 kbit/s transfer rate and 7-bit
addressing) for protocol and electrical compatibility. The I2C EEPROM shares the same pins as the SMBus interface,
therefore the SMBus interface is not available when the I2C EEPROM interface has been enabled (and vice versa).
The hub acts as the master and generates the serial clock SCL, controls the bus access (determines which device acts
as the transmitter and which device acts as the receiver), and generates the START and STOP conditions. The hub will
read the external EEPROM for configuration data and then attach to the upstream USB host.
The hub does not have the capacity to write to the external EEPROM. The hub only has the capability to read from an
external EEPROM. The external EEPROM will be read (even if it is blank), and the hub will be configured with the values
that are read. Any values read for unsupported registers will not be retained (i.e., they will remain as the default values).
Reserved registers should be set to 0 unless otherwise specified. EEPROM reset values are 0x00. Contents read from
unavailable registers should be ignored.
5.2.1
I2C SLAVE ADDRESS
The 7-bit slave address is 1010000b.
5.2.2
PROTOCOL IMPLEMENTATION
The hub will only access an EEPROM using the sequential read protocol as outlined in Chapter 8 of MicroChip
24AA02/24LC02B
[4].
5.2.3
PULL-UP RESISTOR
The circuit board designer is required to place external pull-up resistors (10 k
 recommended) on the SDA/SMBDATA
and SCL/SMBCLK/CFG_SEL[0] lines (per SMBus 1.0 Specification [3], and EEPROM manufacturer guidelines) to
VDD33 in order to assure proper operation.
Bit Number
Bit Name
Description
7:3
rsvd
2
INTF_PW_DN
SMBus Interface Power Down:
0
: interface is active
1
: interface power down after ACK has completed
1
RESET
Reset the SMBus interface and internal memory back to RESET_N assertion
default settings.
0
: normal run/idle state
1
: force a reset of registers to their default state
0
USB_ATTACH
USB Attach (and write protect)
0
: SMBus slave interface is active
1
: the hub will signal a USB attach event to an upstream device, and the
internal memory (address range 0x00-0xFE) is write-protected to prevent
unintentional data corruption.
Note:
If no external EEPROM is present, the hub will write 0 to all configuration registers.
Note:
10-bit addressing is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com