Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLASHPRO5 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FLASHPRO5
Description  FlashPro5 Device Programmer Quickstart Card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FLASHPRO5 Datasheet(HTML) 1 Page - Microsemi Corporation

  FLASHPRO5 Datasheet HTML 1Page - Microsemi Corporation FLASHPRO5 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
July 2014
1
© 2014 Microsemi Corporation
FlashPro5 Device Programmer Quickstart Card
This quickstart card applies only to the FlashPro5 device programmer.
Kit Contents
Software Installation
FlashPro or FlashPro Express software is automatically installed as part of the Libero® System-on-Chip (SoC)
software. If you are using the FlashPro5 device programmer for standalone programming or on a dedicated machine,
download and install the latest release of the
FlashPro or FlashPro Express from the Microsemi® website.
The installation will guide you through the setup. Complete the software installation before connecting the FlashPro5
device programmer to your PC.
Note: The minimum version requirements to run FlashPro5 on Windows are Libero SoC v11.3/ FlashPro v11.3 and on
Linux are Libero SoC v 11.4/ FlashPro v11.4:
www.microsemi.com/products/fpga-soc/design-resources/programming/flashpro
Hardware Installation
After installing the software successfully, connect one end of the USB cable to the FlashPro5 device programmer and
the other end to your PC’s USB port. The Found Hardware Wizard will open twice. Use the wizard to install the driver
automatically (recommended). If the Found Hardware Wizard cannot find the drivers automatically, then ensure you
have properly installed the FlashPro software prior to installing the hardware. If the drivers still cannot be installed
automatically, then install them from a list or specific location (advanced).
If FlashPro was installed as part of the Libero SoC default installation, the drivers are located at
C:/Libero/Designer/Drivers/Manual. For a standalone Libero SoC FlashPro default installation, the drivers are located
at C:/Microsemi/FlashPro_<ver>/Drivers/. Microsemi recommends the automatic driver installation.
Note: FlashPro5 uses pin 4 of the JTAG connector whereas FlashPro3 had no connection to this pin. FlashPro5 pin 4
of the JTAG header is a PROG_MODE output drive signal. PROG_MODE toggles between programming and normal
operation. The PROG_MODE signal is intended to drive an N or P Channel MOSFET to control the output of a voltage
regulator between the programming voltage of 1.5 V and normal operation voltage of 1.2 V. This is required for
ProASIC®3L, IGLOO® V2, and IGLOO PLUS V2 devices because, although they can operate at 1.2 V, they must be
programmed with a VCC core voltage of 1.5 V.
Quantity
Description
1
FlashPro5 programmer standalone unit
1
USB A to mini-B USB cable
1
FlashPro5 10-pin ribbon cable
Figure 1 • Pin Assignments
Pin 4 on FlashPro5 programmers MUST NOT be connected or used for anything other than its intended purpose.


Similar Part No. - FLASHPRO5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLASH-SHIELD-201118 ETC-FLASH-SHIELD-201118 Datasheet
33Kb / 1P
FLASH-SHIELD-201118
logo
ams AG
FLASH6-C3 AMSCO-FLASH6-C3 Datasheet
243Kb / 9P
ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
FLASH6_C3 AMSCO-FLASH6_C3 Datasheet
243Kb / 9P
ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
logo
AAEON Technology
FLASHDISK AAEON-FLASHDISK Datasheet
123Kb / 1P
100% IDE standard compatible, Compact Flash Specification standard
logo
Fuji Electric
FLASHWAVE7600 FUJI-FLASHWAVE7600 Datasheet
833Kb / 2P
The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)
More results

Similar Description - FLASHPRO5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
Microcontroller Programmer
logo
Microchip Technology
AC164301 MICROCHIP-AC164301 Datasheet
3Mb / 2P
MPLAB PM3 Universal Device Programmer
9/1/03
logo
Microsemi Corporation
A2F-EVAL-KIT MICROSEMI-A2F-EVAL-KIT Datasheet
1Mb / 4P
SmartFusion Evaluation Kit Quickstart Card
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
Programmer Board
logo
SparkFun Electronics
DEV-07914 SPARKFUN-DEV-07914 Datasheet
467Kb / 9P
ProtoShield Quickstart Guide
DEV-09760 SPARKFUN-DEV-09760 Datasheet
290Kb / 9P
Joystick Shield Quickstart Guide
logo
ATMEL Corporation
AT89ISP ATMEL-AT89ISP Datasheet
106Kb / 4P
AT89ISP Programmer Cable
logo
Maxim Integrated Produc...
DS9122P-GP8 MAXIM-DS9122P-GP8 Datasheet
4Mb / 29P
Multi-Device Programmer for 1-Wire and I2C Devices
Rev 1; 5/16
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
Microcontroller Programmer
030700
logo
SparkFun Electronics
ADXL345 SPARKFUN-ADXL345 Datasheet
205Kb / 7P
ADXL345 Quickstart Guide
2/12/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com