Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM-3P024 Datasheet(PDF) 67 Page - Fuji Electric

Part # BW50RAM-3P024
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P024 Datasheet(HTML) 67 Page - Fuji Electric

Back Button BW50RAM-3P024 Datasheet HTML 63Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 64Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 65Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 66Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 67Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 68Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 69Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 70Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 71Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
06/67
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
n
Terminal blocks for auxiliary circuit
• It indicates the terminal No. of internal accessory.The
connection method of internal accessory is lead-wire system
and terminal block system.
• For the available configuration of internal accessory, see
page 06/68.
•
Terminal number of internal accessory
Accessory
Auxiliary switch
Alarm switch
Shunt trip device : F
Undervoltage trip device : R
Note: * ( ) Code of Low level circuit
SPDT: W (1)*
2PDT: V (2)*
SPDT: K (8)*
2PDT: J (9)*
With 1NO contact
to prevent coil
burn-out
Continuous rating
32 – 250AF
Left side mounting
Right side mounting
400 – 800AF
Left side mounting
21
AXcR
22
AXbR
24
AXaR
21
AXcR
22
AXbR
24
AXaR
01
ALcR
02
ALbR
04
ALaR
01
ALcR
02
ALbR
04
ALaR
11
AXcL
12
AXbL
14
AXaL
21
AXc
22
AXb
24
AXa
11
AXc
12
AXb
14
AXa
11
AXcL
12
AXbL
14
AXaL
11
AXc
12
AXb
14
AXa
91
ALcL
92
ALbL
94
ALaL
01
ALc
02
ALb
04
ALa
91
ALc
92
ALb
94
ALa
91
ALcL
92
ALbL
94
ALaL
91
ALc
92
ALb
94
ALa
C2
S2
C1
S1
C2
S2
C1
S1
D2
P2
D1
P1
U<
Lead-wire wiring
With terminal block
Molded Case Circuit Breakers
G-TWIN series
Internal accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com