Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2PC5V030 Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # G2PC5V030
Description  48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

G2PC5V030 Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  G2PC5V030 Datasheet HTML 1Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 2Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 3Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 4Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 5Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 6Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pisces II Series, Page 3
WWW.GALAXYPWR.COM
Part No. 02-007 Rev. 3.0–061004
Undervoltage Lockout
30
32
36
34
40
38
Input Voltage (V)
Voltage
Rising
Voltage
Falling
Overvoltage Lockout
75
76
78
77
80
79
Input Voltage (V)
Voltage
Rising
Voltage
Falling
CoolConverter™
Galaxy’s proprietary CoolConverter™ provides:
•Patented single-stage power conversion architecture,
control, and magnetic design allow unprecedented power
density and efficiency in an isolated power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
•Low common-mode noise as a result of lower capacitance
in the transformer from balanced winding design.
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will not
allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent the
converter from turning on and off repeatedly when the
voltage is held near either voltage extreme. At low line
this assures the maximum input current is not exceeded;
at high line this assures the semiconductor devices in
the converter are not damaged by excessive voltage
stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic, bring the ON/OFF pin to less than 1.0V
with respect to the –INPUT pin to enable the converter.
The pull-down must be able to sink 100
µA. For
Positive logic, bring the ON/OFF pin to greater than
4.0V with respect to the –INPUT pin and be limited to
less than 10V. To request the Positive logic version, add
the suffix (P) to the standard part number. The ON/OFF
pin has a built-in pull up resistor of approximately
100k
Ω to +5V.
Application Notes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com