Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWD20011 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HWD20011
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD20011 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HWD20011 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 9Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 10Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 11Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 12Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Selecting the Output Voltage
VOUT can be set to 3.3V or 5.0V by connecting the FB
pin to GND (5V) or OUT (3.3V) (Figures 5 and 6).
To adjust the output voltage, connect a resistor-divider
from VOUT to FB to GND (Figure 7). Choose a value
less than 260k
Ω for R6. Use the following equation to
calculate R5:
R5 = R6 [(VOUT / VREF ) - 1]
where VREF = +1.3V and VOUT may range from 2V to
5V. The input bias current of FB has a maximum value
of 50nA which allows large-value resistors (R6
≤ 260kΩ)
to be used.
Low-Battery Detection
The HWD20011/HWD2001/HWD20012 contain an on-chip
comparator for low-battery detection. If the voltage at
LBI falls below the internal reference voltage (1.30V),
LBO (an open-drain output) sinks current to GND. The
low-battery monitor threshold is set by two resistors, R3
and R4 (Figures 5, 6, and 7). Since the LBI current is
less than 50nA, large resistor values (R4
≤ 260kΩ) can
be used to minimize loading of the input supply.
Calculate R3 using the following equation:
R3 = R4 [(VTRIP / VREF) - 1]
for VTRIP
≥ 1.3V. VTRIP is the level where the low-battery
detector output goes low, and VREF is the internal
1.30V reference. Connect a pull-up resistor of 100k
Ω or
greater from LBO to OUT when driving CMOS circuits.
LBO is an open-drain output, and can be pulled as
high as 6V regardless of the voltage at OUT. When LBI
is above the threshold, the LBO output is high imped-
ance. If the low-battery comparator is not used, ground
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
9
HWD20011
HWD2001
HWD20012
BATT
(HWD20012)
VIN
LBI
REF
GND
R3
R1
200
Ω
R4
R2
100k
47
µF
22
µH
0.1
µF
LX
LBO
0.1
µF
47
µF
OUTPUT
+3.3V
VOUT
LOW-BATTERY
OUTPUT
FB
SHDN
OUT
CLSEL
(HWD20012)
Figure 5. Preset Output Voltage of +3.3V
HWD20011
HWD2001
HWD20012
BATT
(HWD20012)
VIN
LBI
REF
GND
R6
R5
R3
R1
200
Ω
R4
R2
100k
22
µH
47
µF
0.1
µF
LX
LBO
OUTPUT
2V to 5.5V
FB
SHDN
OUT
CLSEL
(HWD20012)
LOW-
BATTERY
OUTPUT
0.1
µF
47
µF
Figure 7. Setting an Adjustable Output
HWD20011
HWD2001
HWD20012
BATT
(HWD20012)
VIN
LBI
REF
GND
R3
R1
200
Ω
R4
R2
100k
22
µH
47
µF
0.1
µF
LX
LBO
0.1
µF
47
µF
OUTPUT
5.0V
FB
SHDN
OUT
CLSEL
(HWD20012)
LOW-
BATTERY
OUTPUT
Figure 6. Preset Output Voltage of +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com