Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWD2001 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HWD2001
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD2001 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HWD2001 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 9Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 10Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
The HWD20011/HWD2001/HWD20012 compact, step-up
DC-DC converters start up with voltages as low as 0.9V
and operate with an input voltage down to 0.7V.
Consuming only 16µA of quiescent current, these
devices offer a built-in synchronous rectifier that
reduces cost by eliminating the need for an external
diode and improves overall efficiency by minimizing
losses in the circuit (see Synchronous Rectification sec-
tion for details). The internal MOSFET resistance is typi-
cally 0.3
Ω, which minimizes losses. The current limit of
the HWD20011 and HWD2001 are 1A and 0.5A, respec-
tively. The HWD2001's lower current limit allows the use
of a physically smaller inductor in space-sensitive
applications. The HWD20012 features a circuit that elimi-
nates noise due to inductor ringing. In addition, the
HWD20012 offers a selectable current limit (0.5A or 1A)
for design flexibility.
PFM Control Scheme
A unique minimum-off-time, current-limited, pulse-fre-
quency-modulation (PFM) control scheme is a key fea-
ture of the HWD20011/HWD2001/HWD20012. This scheme
combines the high output power and efficiency of a
pulse-width-modulation (PWM) device with the ultra-low
quiescent current of a traditional PFM (Figure 1). There
is no oscillator; a constant-peak-current limit in the
switch allows the inductor current to vary between this
peak limit and some lesser value. At light loads, the
switching frequency is governed by a pair of one-shots
that set a typical minimum off-time (1µs) and a typical
maximum on-time (4µs). The switching frequency
depends upon the load and the input voltage, and can
range up to 500kHz. The peak current of the internal N-
channel MOSFET power switch is fixed at 1A
(HWD20011), at 0.5A (HWD2001), or is selectable
(HWD20012). Unlike conventional pulse-skipping DC-DC
converters (where ripple amplitude varies with input
voltage), ripple in these devices does not exceed the
product of the switch current limit and the filter-capaci-
tor equivalent series resistance (ESR).
Synchronous Rectification
The internal synchronous rectifier eliminates the need
for an external Schottky diode, thus reducing cost and
board space. During the cycle off-time, the P-channel
MOSFET turns on and shunts the MOSFET body diode.
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
7
HWD20011
HWD2001
HWD20012
ONE-SHOT
TRIG
Q
F/F
R
S
Q
ONE-SHOT
TRIG
Q
CURRENT-LIMIT
AMPLIFIER
ERROR
AMPLIFIER
LOW-BATTERY
COMPARATOR
REFERENCE
REF
FB
VIN
47
µF
47
µF
R1
200
R5
R6
DAMPING
SWITCH
22
µH
BATT
(HWD20012)
GND
LX
OUT
0.1
µF
0.1
µF
VOUT
R4
LBI
LBO
R2
100k
R3
VIN
VOUT
CLSEL
(HWD20012)
SHDN
MINIMUM
OFF-TIME
ONE-SHOT
ZERO
CROSSING
AMPLIFIER
EN
MAXIMUM
ON-TIME
ONE-SHOT
P
N
Figure 1. Simplified Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com