Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN65543 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MN65543
Description  Low Power 8-Bit CMOS A/D Converter for Image Processing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN65543 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN65543 Datasheet HTML 1Page - Panasonic Semiconductor MN65543 Datasheet HTML 2Page - Panasonic Semiconductor MN65543 Datasheet HTML 3Page - Panasonic Semiconductor MN65543 Datasheet HTML 4Page - Panasonic Semiconductor MN65543 Datasheet HTML 5Page - Panasonic Semiconductor MN65543 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MN655431SH
A/D, D/C Converters for Image Signal Processing
Recommended Operating Conditions
VDD=AVDD=DVDD=5.0V, DVDDL=3.5V, VSS=AVSS=DVSS=0V, Ta=25˚C
Parameter
Symbol
min
typ
max
Unit
Power supply voltage
VDD
4.50
5.00
5.25
V
Power supply voltage for digital outputs
DVDDL
3.4
3.6
V
Digital input
"H" level
VIH
2.4
VDD
V
voltage
"L" level
VIL
VSS
0.8
V
Reference voltage
"H" level
VRT
3.3
VDD
V
"L" level
VRB
VSS
1.5
V
Clock
"H" level pulse width
tWH
30
ns
"L" level pulse width
tWL
30
ns
Analog input voltage
VAIN
VSS
VDD
V
Electrical Characteristics V
DD=AVDD=DVDD=5.0V, DVDDL=3.5V, AVSS=DVSS=0V, Ta=25˚C
Parameter
Symbol
Conditions
min
typ
max
Unit
Power supply voltage
IDD
fCLK = 15 MHz
18
26
mA
(includes reference power supply)
Resolution
RES
8
bit
Linearity error
EL
fCLK=15MHz
±0.5
±1.3
LSB
Differential linearity error
ED
VRT=3.5V VRB=1.5V
±0.4
±0.7
LSB
Maximum conversion rate
Fc(max.)
15
MSPS
Clock frequency
fCLK
1
15
MHz
Analog input dynamic range
DR
2VRT –VRB
V
Output
"H" level
IOH
VOH=DVDDL – 0.8V
–2
mA
current
"L" level
IOL
VOL= 0.4V
2
mA
Output delay time
td
30
45
ns
Analog input capacitance
CI
18
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com