Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1722 Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # ICS1722
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722 Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  ICS1722 Datasheet HTML 1Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 2Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 3Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 4Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 5Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 6Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 7Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 8Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 9Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
ICS1722
Controller Operation
Charging Stages
The charging sequence consists of four stages. The application of
current is shown graphically in Figure 1. The soft start stage
gradually increases current levels up to the user selected fast
charge rate during the first two minutes. The soft start stage is
followed by the fast charge stage, which continues until
termination. After termination, a two hour C/10 topping charge is
applied. The topping charge is followed by a C/40 maintenance
charge.
Soft Start Charge
Some batteries may exhibit an unusual high impedance condition
while accepting the initial charging current, as shown in Figure 2.
Unless dealt with, this high impedance condition can cause a
voltage peak at the beginning of the charge cycle that would be
misinterpreted as a fully charged battery by the voltage termination
methods.
The soft start charge eases batteries into the fast charge stage by
gradually increasing the current to the selected fast charge rate. The
gradual increase in current alleviates the voltage peak. During this
stage, only positive current pulses are applied to the battery. The
duty cycle of the applied current is increased to the selected fast
charge rate, as shown in Figure 3, by extending the current pulse
on every cycle until the pulse is about one second in duration. The
initial current pulse is approximately 200ms. The CMN indicator is
activated continuously during this stage
Figure 1: Graphical representation of average current levels during the four charging stages
Figure 2: High impedance voltage spike at the beginning of charge
S oft-Start
Fast Charge
Topping Charge
Maintenance Charge
Current
Time (not to scale)
(not to scale)
Stage 3
Stage 4
Stage 2
Stage 1
0
2 min
termination
termination + 2 hours
Average



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com