Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1722M Datasheet(PDF) 13 Page - Galaxy Power, Inc.

Part # ICS1722M
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722M Datasheet(HTML) 13 Page - Galaxy Power, Inc.

Back Button ICS1722M Datasheet HTML 9Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 10Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 11Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 12Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 13Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 14Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 15Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 16Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 17Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
ICS1722
Table 6: DC Characteristics
T
amb=25
°C. All values given are typical at specified V
DD.
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
UNITS
Supply Voltage
V
DD
4.5
5.0
5.5
V
Supply Current
I
DD
7.3
mA
High Level Input Voltage
SEL0, SEL1, AUX0, AUX1
V
IH
3.6
4.1
4.5
V
Low Level Input Voltage
SEL0, SEL1, AUX0, AUX1
V
IL
0.73
0.75
0.8
V
Open Input Voltage
SEL0, SEL1, AUX0, AUX1
open
2.3
V
Low Level Input Current, pull-up MRN,
OPREF
I
IL
V=0.4V
74
µA
High Level Source Current
CHG, DCHG
I
OH
V= V
DD
- 0.4V
28
mA
Low Level Sink Current
CHG, DCHG
I
OL
V=0.4V
25
mA
Low Level Sink Current, indicator
PFN, CMN, MMN
I
OL
V=0.4V
40
mA
Input Impedance
1.0
M
Ω
Analog/Digital Converter Range
0-2.2
0-2.7
0-2.7
V
Minimum Battery Threshold
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com