Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1722N Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # ICS1722N
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722N Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  ICS1722N Datasheet HTML 1Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 2Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 3Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 4Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 5Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 6Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 7Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 8Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 9Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
ICS1722
Pin Configuration
Pin Definitions
ICS1722
CHG
DCHG
PFN
CMN
MMN
SEL1
AUX0
AUX1
OPREF
VIN
VDD
SEL0
VSS
RC
MRN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
unused
16-Pin DIP or SOIC
Pin Number
Pin Name
Type
Definition
1
CHG
OUT
Active high TTL compatible signal used to turn on an external current source to provide current to charge
the battery.
2
DCHG
OUT
Active high TTL compatible signal available to turn on a discharge circuit.
3
PFN
OUT
Polling detect indicator. An active low turns on an external indicator to show the controller is polling for
the presence of the battery.
4
MMN
OUT
Maintenance mode indicator. An active low turns on an external indicator showing the battery is either in
the topping charge, maintenance charge or auxiliary condition mode. The indicator flashes during the
auxiliary discharge mode.
5
CMN
OUT
Charge mode indicator. An active low turns on an external indicator to show the controller is either in a
soft start charge or fast charge.
6
SEL0
IN
Tri-level input used with the SEL1 pin to program the device for the desired charge rate.
7
VSS
Ground.
8
SEL1
IN
Tri-level input used with the SEL0 pin to program the device for the desired charge rate.
9
MRN
IN
Master reset signal. A logic low pulse greater than 700 ms initiates a device reset.
10
RC
IN
An external resistor and capacitor sets the frequency of the internal clock.
11
AUX0
IN
Tri-level input used with the AUX1 pin to program the device for an auxiliary operating mode.
12
AUX1
IN
Tri-level input used with the AUX0 pin to program the device for an auxiliary operating mode.
13
OPREF
IN
Open circuit (no battery) voltage reference. An external resistor divider on this pin sets the open circuit
voltage reference used to detect the presence of a battery.
14
VIN
IN
Battery voltage normalized to one cell with an external resistor divider.
15
unused
Ground.
16
VDD
Device supply =+5.0 VDC
Note:
Pins 9 and 13 have an internal pull-up.
Pins 6,8,11,12 float to 2.3V when unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com