Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5ST2-422 Datasheet(PDF) 23 Page - Siemens Semiconductor Group

Part # 5ST2-422
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5ST2-422 Datasheet(HTML) 23 Page - Siemens Semiconductor Group

Back Button 5ST2-422 Datasheet HTML 19Page - Siemens Semiconductor Group 5ST2-422 Datasheet HTML 20Page - Siemens Semiconductor Group 5ST2-422 Datasheet HTML 21Page - Siemens Semiconductor Group 5ST2-422 Datasheet HTML 22Page - Siemens Semiconductor Group 5ST2-422 Datasheet HTML 23Page - Siemens Semiconductor Group 5ST2-422 Datasheet HTML 24Page - Siemens Semiconductor Group 5ST2-422 Datasheet HTML 25Page - Siemens Semiconductor Group 5ST2-422 Datasheet HTML 26Page - Siemens Semiconductor Group 5ST2-422 Datasheet HTML 27Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
Description
2/23
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
Load capacity of MCBs with
compensated and non-compensated
HQ, HQI and NAV lamps (number)
Lamp rating [W]
35
70
150
250
400
1,000
2,000
3,500
Lamp current
[A]
0.5
1
1.8
3
3.5
9.5
10.3
18
Comp. lamp current
[A]
0.3
0.5
1
1.5
2
6
5.5
9.8
Inrush
[A]
10
18
36
60
70
120
125
220
In [A]
Lamp rating [W]
35
70
150
250
400
1,000
2,000
3,500
5SX2, 5SX4
Characteristic B
6
3
1
0
0
0
0
0
0
10
5
2
1
0
0
0
0
0
13
6
3
1
1
1
0
0
0
16
8
4
2
1
1
0
0
0
20
10
5
2
1
1
0
0
0
25
13
7
3
2
1
1
1
0
32
16
8
4
2
2
1
1
0
40
20
11
5
3
3
1
1
1
50
21
12
6
3
3
1
1
1
Characteristic C
1
1
0
0
0
0
0
0
0
1.6
1
1
0
0
0
0
0
0
2
2
1
0
0
0
0
0
0
3
3
1
0
0
0
0
0
0
4
4
2
1
0
0
0
0
0
6
6
3
1
1
0
0
0
0
8
8
4
2
1
1
0
0
0
10
10
5
2
1
1
0
0
0
13
13
7
3
2
1
1
1
0
16
16
9
4
2
2
1
1
0
20
20
11
5
3
2
1
1
0
25
25
14
7
4
3
2
1
1
32
32
17
8
5
4
2
2
1
40
40
22
11
6
5
3
3
1
50
50
27
13
8
7
4
3
2
Characteristic D
1
1
0
0
0
0
0
0
0
1.6
2
1
0
0
0
0
0
0
2
2
1
0
0
0
0
0
0
3
3
2
1
0
0
0
0
0
4
5
2
1
1
0
0
0
0
6
8
4
2
1
1
0
0
0
8
11
5
3
2
1
0
0
0
10
14
7
4
2
2
0
0
0
13
18
9
5
3
2
1
1
0
16
22
11
6
3
3
1
1
0
20
28
14
7
4
4
1
1
0
25
35
17
9
5
5
2
1
1
32
44
22
12
7
6
2
2
1
40
56
28
15
9
8
3
3
1
50
70
35
19
11
10
4
3
2
i21_01.fm Seite 23 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com