Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4-101-8 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # 5SY4-101-8
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-8 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  5SY4-101-8 Datasheet HTML 1Page - Siemens Semiconductor Group 5SY4-101-8 Datasheet HTML 2Page - Siemens Semiconductor Group 5SY4-101-8 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4-101-8 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4-101-8 Datasheet HTML 5Page - Siemens Semiconductor Group 5SY4-101-8 Datasheet HTML 6Page - Siemens Semiconductor Group 5SY4-101-8 Datasheet HTML 7Page - Siemens Semiconductor Group 5SY4-101-8 Datasheet HTML 8Page - Siemens Semiconductor Group 5SY4-101-8 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
Product overview
2/2
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
Miniature Circuit -Breakers (MCBs)
Design
Tripping characteristic
Rated currents In
Rated breaking capacity
Energy limitation class
Power supply company product range
5SP3
E
16 - 100 A
Standard product range
5SX2
A
1
- 40 A
B
6
- 50 A
C
0.3 - 63 A
D
0.5 - 50 A
5SX4
B
6
- 50 A
C
0.5 - 50 A
AC/DC product range
5SX5
B
6
- 32 A
C
0.5 - 32 A
Industry guard product range
5SY4
A
1
- 63 A
B
6
- 63 A
C
0.3 - 63 A
D
0.3 - 63 A
5SY7
B
6 - 63 A
C
0.3 - 63 A
D
0.3 - 63 A
High-current product range
5SP4
B
80 - 125 A
C
80 - 125 A
D
80 - 100 A
25 000
6 000
3
10 000
3
4 500
10 000 T4
3
10 000
3
15 000
3
10 000
s Definitions
1 MW = Modular width of
18 mm
N-type = 55 mm device
mounting depth
Depth 70 mm =
Device mounting depth of
70 mm
i21_01.fm Seite 2 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com