Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX23L6414 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L6414
Description  64M-BIT MASK ROM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L6414 Datasheet(HTML) 2 Page - Macronix International

  MX23L6414 Datasheet HTML 1Page - Macronix International MX23L6414 Datasheet HTML 2Page - Macronix International MX23L6414 Datasheet HTML 3Page - Macronix International MX23L6414 Datasheet HTML 4Page - Macronix International MX23L6414 Datasheet HTML 5Page - Macronix International MX23L6414 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
P/N:PM0766
REV. 1.5, MAY. 26, 2005
MX23L6414
64 Mini BGA (Top View, Balls Facing Down)
CE#
OE#
Byte#
D0~D7
D8~D15
Power
Disabled
X
X
High Z
High Z
Stand-by
Enabled
H
X
High Z
High Z
Active
Enabled
L
L
D0~D7
High Z
Active
Enabled
L
H
D0~D7
D8~D15
Active
MODE SELECTION
ORDER INFORMATION
Part No.
Speed
Package
Grade
Remark
MX23L6414TI-90
90ns
56 pin TSOP
Industrial
MX23L6414TI-10
100ns
56 pin TSOP
Industrial
MX23L6414TI-12
120ns
56 pin TSOP
Industrial
MX23L6414XI-90
90ns
64 ball mini BGA
Industrial
MX23L6414XI-10
100ns
64 ball mini BGA
Industrial
MX23L6414XI-12
120ns
64 ball mini BGA
Industrial
MX23L6414XI-12G
120ns
64 ball mini BGA
Industrial
Pb-free
A1
A1
B1
A2
C1
A3
D1
A4
E1
D8
F1
BYTE#
A2
A6
B2
GND
C2
A7
D2
A5
E2
D1
F2
D0
A3
A8
B3
A9
C3
A10
D3
A11
E3
D9
F3
D10
A4
NC
B4
CE0#
C4
A12
D4
NC
E4
D3
F4
D11
A5
A13
B5
A14
C5
A15
D5
NC
E5
D4
F5
D12
A6
VCC
B6
NC
C6
NC
D6
NC
E6
NC
F6
NC
A7
A18
B7
A19
C7
A20
D7
A16
E7
D15
F7
NC
A8
A22
B8
CE1#
C8
A21
D8
A17
E8
NC
F8
OE#
G1
NC
H1
CE2#
G2
A0
H2
NC
G3
D2
H3
VCC
G4
VCCQ
H4
GND
G5
D5
H5
D13
G6
D6
H6
GND
G7
D14
H7
D7
G8
NC
H8
NC
10.0 mm
13.0 mm
Note: Industrial grade temperature: -25 ~ 85
° C
Commercial grade temperature: 0 ~ 70
° C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com