Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX23L8102 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L8102
Description  8M-BIT MASK ROM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L8102 Datasheet(HTML) 2 Page - Macronix International

  MX23L8102 Datasheet HTML 1Page - Macronix International MX23L8102 Datasheet HTML 2Page - Macronix International MX23L8102 Datasheet HTML 3Page - Macronix International MX23L8102 Datasheet HTML 4Page - Macronix International MX23L8102 Datasheet HTML 5Page - Macronix International MX23L8102 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
P/N:PM0817
REV. 1.5, JUN. 23, 2003
MX23L8102
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Voltage on any Pin Relative to VSS
VIN
-0.3V to 3.9V
Ambient Operating Temperature
Topr
-40
°C to 85°C
Storage Temperature
Tstg
-65
°C to 125°C
DC CHARACTERISTICS (Ta = -40
° C ~ 85° C, VCC = 2.7V~3.6V)
Item
Symbol
MIN.
MAX.
Conditions
Output High Voltage
VOH
2.4V
-
IOH = -400uA
Output Low Voltage
VOL
-
0.4V
IOL = 1.6mA
Input High Voltage
VIH
2.1V
VCC+0.3V
Input Low Voltage
VIL
-0.3V
0.8V
Input Leakage Current
ILI
-
5uA
0V, VCC
Output Leakage Current
ILO
-
5uA
0V, VCC
Operating Current
ICC
-
15mA
f=5MHz, CE#=VIL, OE#=VIH
all output open
Standby Current (CMOS)
ISTB
-
5uA
CE#>VCC-0.2V
Input Capacitance
CIN
-
10pF
Ta = 25
° C, f = 1MHZ
Output Capacitance
COUT
-
10pF
Ta = 25
° C, f = 1MHZ
MODE SELECTION
CE#
OE#
Byte#
D15/A-1
D0~D7
D8~D15
Mode
Power
H
X
X
X
High Z
High Z
-
Stand-by
L
H
X
X
High Z
High Z
-
Active
L
L
H
Output
D0~D7
D8~D15
Word
Active
L
L
L
Input
D0~D7
High Z
Byte
Active
ORDER INFORMATION
Part No.
Speed
Package
Grade
MX23L8102XI-70
70ns
48 ball mini BGA
Industrial
MX23L8102XI-90
90ns
48 ball mini BGA
Industrial
MX23L8102XI-12
120ns
48 ball mini BGA
Industrial
Note: Industrial grade temperature: -40 ~ 85
° C
Commercial grade temperature: 0 ~ 70
° C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com