Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX23L8111 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L8111
Description  8M-BIT MASK ROM(8/16 BIT OUTPUT)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L8111 Datasheet(HTML) 2 Page - Macronix International

  MX23L8111 Datasheet HTML 1Page - Macronix International MX23L8111 Datasheet HTML 2Page - Macronix International MX23L8111 Datasheet HTML 3Page - Macronix International MX23L8111 Datasheet HTML 4Page - Macronix International MX23L8111 Datasheet HTML 5Page - Macronix International MX23L8111 Datasheet HTML 6Page - Macronix International MX23L8111 Datasheet HTML 7Page - Macronix International MX23L8111 Datasheet HTML 8Page - Macronix International MX23L8111 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
P/N:PM0412
REV. 2.3, JUN. 19, 2003
MX23L8111
PIN DESCRIPTION
Symbol
Pin Function
A0~A18
Address Inputs
D0~D14
Data Outputs
D15/A-1
D15(Word Mode)/LSB Address (Byte
Mode)
CE
Chip Enable Input
OE
Output Enable Input
Byte
Word/Byte Mode Selection
VCC
Power Supply Pin
VSS
Ground Pin
NC
No Connection
MODE SELECTION
CE OE Byte D15/A-1 D0~D7 D8~D15 Mode
Power
H
X
X
X
High Z
High Z
-
Stand-by
L
H
X
X
High Z
High Z
-
Active
L
L
H
Output D0~D7 D8~D15 Word
Active
L
L
L
Input
D0~D7
High Z
Byte
Active
BLOCK DIAGRAM
Address
Buffer
Memory
Array
Page
Buffer
Page
Decoder
Double
Word
Output
Buffer
D0
D15/(D7)
A3
A18
A0/(A-1)
A2
CE
BYTE
OE
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Voltage on any Pin Relative to VSS
VIN
-1.3V to VCC+2.0V (Note)
Ambient Operating Temperature
Topr
0
°C to 70°C
Storage Temperature
Tstg
-65
°C to 125°C
Note: Minimum DC voltage on input or I/O pins is -0.5V.
During voltage transitions, inputs may undershoot VSS
to -1.3V for periods of up to 20ns. Maximum DC voltage
on input or I/O pins is VCC+0.5V. During voltage transi-
tions, input may overshoot VCC to VCC+2.0V for peri-
ods of up to 20ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com