Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC32 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT24LC32
Description  CMOS 32K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC32 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT24LC32 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC32 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC32 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC32 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC32 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC32 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC32 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC32 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC32 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
Applied VCC Voltage with Respect to VSS .................................................................................VSS
-0.3V to VSS+6.0V
Applied Voltage on any Pin with Respect to VSS ................................................................................................VSS
-0.3V to VCC+0.3V
Operating Temperature (Commercial) ........................................................................................................ 0
°Cto70°C
Storage Temperature ............................................................................................................................
-50°Cto125°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=0
°Cto70°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
¾¾
2.4
¾
5.5
V
ICC1
Operating Current
5V
Read at 100kHz
¾¾
2mA
ICC2
Operating Current
5V
Write at 100kHz
¾¾
5mA
VIL
Input Low Voltage
¾¾
-1
¾
0.3VCC
V
VIH
Input High Voltage
¾¾
0.7VCC
¾
VCC+0.5
V
VOL
Output Low Voltage
2.4V IOL=2.1mA
¾¾
0.4
V
ILI
Input Leakage Current
5V
VIN=0 or VCC
¾¾
1
mA
ILO
Output Leakage Current
5V
VOUT=0 or VCC
¾¾
1
mA
ISTB1
Standby Current
5V
VIN=0 or VCC
¾¾
5
mA
ISTB2
Standby Current
2.4V VIN=0 or VCC
¾¾
4
mA
CIN
Input Capacitance (See Note)
¾ f=1MHz 25°C
¾¾
6pF
COUT
Output Capacitance (See Note)
¾ f=1MHz 25°C
¾¾
8pF
Note: These parameters are periodically sampled but not 100% tested.
A.C. Characteristics
Ta=0
°Cto70°C
Symbol
Parameter
Remark
Standard Mode*
VCC=5V
±10%
Unit
Min.
Max.
Min.
Max.
fSK
Clock Frequency
¾¾
100
¾
400
kHz
tHIGH
Clock High Time
¾
4000
¾
600
¾
ns
tLOW
Clock Low Time
¾
4700
¾
1200
¾
ns
tR
SDA and SCL Rise Time
Note
¾
1000
¾
300
ns
tF
SDA and SCL Fall Time
Note
¾
300
¾
300
ns
tHD:STA START Condition Hold Time
After this period, the first
clock pulse is generated.
4000
¾
600
¾
ns
tSU:STA
START Condition Setup Time
Only relevant for repeated
START condition.
4000
¾
600
¾
ns
tHD:DAT Data Input Hold Time
¾
0
¾
0
¾
ns
tSU:DAT Data Input Setup Time
¾
200
¾
100
¾
ns
tSU:STO STOP Condition Setup Time
¾
4000
¾
600
¾
ns
tAA
Output Valid from Clock
¾¾
3500
¾
900
ns
HT24LC32
Rev. 1.00
2
March 16, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com