Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36M4 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT36M4
Description  Music Synthesizer 8-Bit MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36M4 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT36M4 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.6
3.6
5
V
IDD
Operating Current
3.6V
No load (OSC on)
¾
810
mA
ISTB
Standby Current
3.6V
¾¾
13
mA
IOH
I/O Ports Source Current
3.6V
¾
2
¾¾
mA
IOL
I/O Ports Sink Current
3.6V
¾
3
¾¾
mA
VIH
Input High Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
Input Low Voltage
¾¾
0
¾
0.2VDD
V
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fOSC
System Frequency
5V
11.059MHz crystal
¾
11.059
¾
MHz
fSYS
System Clock
5V
¾
4
¾
16
MHz
tWDT
Watchdog Time-Out Period (RC)
¾
Without WDT prescaler
9
17
35
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
HT36M4
Rev. 1.00
4
August 15, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com