Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F88-I/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 35Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 36Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 37Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 38Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 39Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 40Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 41Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 42Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 37
PIC16F87/88
4.4
RC Oscillator
For timing insensitive applications, the “RC” and
“RCIO” device options offer additional cost savings.
The RC oscillator frequency is a function of the supply
voltage, the resistor (REXT) and capacitor (CEXT) val-
ues, and the operating temperature. In addition to this,
the oscillator frequency will vary from unit to unit due to
normal manufacturing variation. Furthermore, the dif-
ference in lead frame capacitance between package
types
will
also
affect
the
oscillation
frequency,
especially for low CEXT values. The user also needs to
take into account variation due to tolerance of external
R and C components used. Figure 4-4 shows how the
R/C combination is connected.
In the RC Oscillator mode, the oscillator frequency
divided by 4 is available on the OSC2 pin. This signal may
be used for test purposes or to synchronize other logic.
FIGURE 4-4:
RC OSCILLATOR MODE
The RCIO Oscillator mode (Figure 4-5) functions like
the RC mode, except that the OSC2 pin becomes an
additional general purpose I/O pin. The I/O pin
becomes bit 6 of PORTA (RA6).
FIGURE 4-5:
RCIO OSCILLATOR MODE
4.5
Internal Oscillator Block
The PIC16F87/88 devices include an internal oscillator
block, which generates two different clock signals;
either can be used as the system’s clock source. This
can eliminate the need for external oscillator circuits on
the OSC1 and/or OSC2 pins.
The main output (INTOSC) is an 8 MHz clock source,
which can be used to directly drive the system clock. It
also drives the INTOSC postscaler which can provide a
range of six clock frequencies from 125 kHz to 4 MHz.
The other clock source is the internal RC oscillator
(INTRC) which provides a 31.25 kHz (32
µs nominal
period) output. The INTRC oscillator is enabled by
selecting the INTRC as the system clock source, or
when any of the following are enabled:
• Power-up Timer
• Watchdog Timer
• Two-Speed Start-up
• Fail-Safe Clock Monitor
These features are discussed in greater detail in
Section 15.0 “Special Features of the CPU”.
The clock source frequency (INTOSC direct, INTRC
direct, or INTOSC postscaler) is selected by configuring
the IRCF bits of the OSCCON register (page 40).
OSC2/CLKO
CEXT
REXT
PIC16F87/88
OSC1
FOSC/4
Internal
Clock
VDD
VSS
Recommended values: 3 k
Ω ≤ REXT ≤ 100 kΩ
CEXT > 20 pF
CEXT
REXT
PIC16F87/88
OSC1
Internal
Clock
VDD
VSS
Recommended values: 3 k
Ω ≤ REXT ≤ 100 kΩ
CEXT > 20 pF
I/O (OSC2)
RA6
Note:
Throughout this data sheet, when referring
specifically to a generic clock source, the
term “INTRC” may also be used to refer to
the clock modes using the internal oscilla-
tor block. This is regardless of whether the
actual
frequency
used
is
INTOSC
(8 MHz),
the
INTOSC
postscaler,
or
INTRC (31.25 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com