Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F88-I/ML Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F88-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/ML Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F88-I/ML Datasheet HTML 47Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 48Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 49Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 50Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 51Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 52Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 53Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 54Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 49
PIC16F87/88
TABLE 4-4:
CLOCK SWITCHING MODES
Current
System
Clock
SCS bits <1:0>
Modified to:
Delay
OSTS
bit
IOFS
bit
T1RUN
bit
New
System
Clock
Comments
LP, XT, HS,
T1OSC,
EC, RC
10
(INTRC)
FOSC<2:0> = LP,
XT or HS
8 Clocks of
INTRC
01(1)
0
INTRC
or
INTOSC
or
INTOSC
Postscaler
The internal RC oscillator
frequency is dependant
upon the IRCF bits.
LP, XT, HS,
INTRC,
EC, RC
01
(T1OSC)
FOSC<2:0> = LP,
XT or HS
8 Clocks of
T1OSC
0
N/A
1
T1OSC
T1OSCEN bit must be
enabled.
INTRC
T1OSC
00
FOSC<2:0> = EC
or
FOSC<2:0> = RC
8 Clocks of
EC
or
RC
1
N/A
0
EC
or
RC
INTRC
T1OSC
00
FOSC<2:0> = LP,
XT, HS
1024 Clocks
(OST)
+
8 Clocks of
LP, XT, HS
1
N/A
0
LP, XT, HS
During the 1024 clocks,
program execution is
clocked from the second-
ary oscillator until the
primary oscillator becomes
stable.
LP, XT, HS
00
(Due to RESET)
LP, XT, HS
1024 Clocks
(OST)
1
N/A
0
LP, XT, HS
When a RESET occurs,
there is no clock transition
sequence.
Instruction execution
and/or peripheral opera-
tion is suspended unless
Two-Speed Start-up mode
is enabled, after which the
INTRC will act as the
system clock until the OST
timer has expired.
Note 1: If the new clock source is INTOSC or INTOSC postscaler, then the IOFS bit will be set 4 ms after the clock
change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com