Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C232 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46C232
Description  A/D Type 8-Bit MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C232 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46C232 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
HT46R232/HT46C232
Rev. 1.40
8
November 23, 2005
value from the stack. After a chip reset, the SP will point
to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledgment will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt is
serviced. This feature prevents stack overflow, allowing
the programmer to use the structure more easily. If the
stack is full and a
²CALL² is subsequently executed,
stack overflow occurs and the first entry will be lost (only
the most recent 8 return addresses are stored).
Data Memory - RAM
The data memory (RAM) is designed with 231
´8 bits,
and is divided into two functional groups, namely; spe-
cial function registers (39
´8 bits) and general purpose
data memory (192
´8 bits) most of which are read-
able/writeable, although some are read only.
The special function registers are overlapped in any
banks. Of the two types of functional groups, the special
function registers consist of an Indirect addressing reg-
ister 0 (00H), a Memory pointer register 0 (MP0;01H),
an Indirect addressing register 1 (02H), a Memory
pointer register 1 (MP1;03H), an Accumulator
(ACC;05H), a Program counter lower-order byte regis-
ter (PCL;06H), a Table pointer (TBLP;07H), a Table
higher-order byte register (TBLH;08H), a Status register
(STATUS;0AH), an Interrupt control register 0
(INTC0;0BH), a Timer/Event Counter 0 (TMR0H:0CH;
TMR0L:0DH), a Timer/Event Counter 0 control register
(TMR0C;0EH), a Timer/Event Counter 1 (TMR1H:0FH;
TMR1L:10H), a Timer/Event Counter 1 control register
(TMR1C; 11H), Interrupt control register 1 (INTC1;1EH),
PWM data register (PWM0;1AH, PWM1;1BH,
PWM2;1CH, PWM3;1DH), the I
2C Bus slave address
register (HADR;20H), the I
2C Bus control register
(HCR;21H), the I
2C Bus status register (HSR;22H), the
I
2C Bus data register (HDR;23H),the A/D result
lower-order byte register (ADRL;24H), the A/D result
higher-order byte register (ADRH;25H), the A/D control
register (ADCR;26H), the A/D clock setting register
(ACSR;27H), I/O registers (PA;12H, PB;14H, PC;16H,
PD;18H, PF; 28H) and I/O control registers (PAC;13H,
PBC;15H, PCC;17H, PDC;19H, PFC;29H). The remain-
ing space before the 40H is reserved for future ex-
panded usage and reading these locations will get
²00H². The space before 40H is overlapping in each
bank. The general purpose data memory, addressed
from 40H to FFH, is used for data and control informa-
tion under instruction commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer registers (MP0;01H/MP1;03H). The
space before 40H is overlapping in each bank.
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d
R e a d a s " 0 0 "
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 9 2 B y t e s )
F F H
4 0 H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C 0
T M R 0 H
T M R 0 L
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M 0
P W M 1
P W M 2
P W M 3
I N T C 1
H A D R
H C R
H S R
H D R
A D R L
A D R H
A D C R
A C S R
P F
P F C
3 F H
3 0 H
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com