Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV5 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT49CV5
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV5 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT49CV5 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49CV5 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49CV5 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49CV5 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49CV5 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49CV5 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49CV5 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49CV5 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49CV5 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
HT49RV5/HT49CV5
Rev. 1.20
21
April 14, 2006
Serial Interface
The Serial Interface function has four basic signals included. They are the SDI (serial data input), SDO (serial data out-
put), SCK (serial clock) and SCS (slave select pin).
Two registers (SBCR & SBDR) unique to the serial interface provide control, status and data storage.
Bit No.
Label
Function
0
¾
Unused bit, read as
²0²
1
WCOL
This bit shows the situation of the buffer SBDR
1: enable (set by SIO) writing to SBDR
0: disable (cleared by user) reading from SBDR
2
CSEN
Serial bus selection signal
3
MLS
Shift first control bit (1: MSB; 0: LSB)
4
SBEN
Serial bus selection (1: enable; 0: disable)
5, 6
M0, M1
Master/slave mode selection: M1, M0=
00: master mode, baud rate=fSIO
01: master mode, baud rate=fSIO/4
10: master mode, baud rate=fSIO/16
11: slave mode
7
CKS
Clock source selection (0: fSYS/4; 1: fRTCOSC)
SBCR (1FH) Register
· SBCR: Serial bus control register
¨ Bit 7 (CKS): clock source selection:
fSIO=fSYS/4 or fRTCOSC
¨ Bit 6 (M1), Bit 5 (M0): master/slave mode & baud
rate selection
- M1, M0:
00: master mode, baud rate=fSIO
01: master mode, baud rate=fSIO/4
10: master mode, baud rate=fSIO/16
11: slave mode
¨ Bit 4 (SBEN): serial bus enable/disable (1/0)
- Enable: (SCS dependent on CSEN bit)
Disable
® enable: SCK, SDI, SDO, SCS=0 and
waiting for writing data to SBDR (TXRX buffer)
Master mode: write data to SBDR (TXRX buffer)
® start transmission/reception automatically
Master mode: when data has been transferred
®
set TRF
Slave mode: when a SCK (and SCS dependent
on CSEN) is received, data in TXRX buffer is
shifted-out and data on SDI is shifted-in
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
S C K
S D I
S D O
S C S
S B E N = C S E N = 1
S B E N = 1 , C S E N = 0 ( i f p u l l - h i g h e d )
SIO Timing (SIOCLK Configuration is Falling Edge)
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
S C K
S D I
S D O
S C S
S B E N = C S E N = 1
S B E N = 1 , C S E N = 0 ( i f p u l l - h i g h e d )
SIO Timing (SIOCLK Configuration is Rising Edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com