Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4C333 Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD4C333
Description  1 Form A/1 Form B Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C333 Datasheet(HTML) 3 Page - Solid State Optronic

  AD4C333 Datasheet HTML 1Page - Solid State Optronic AD4C333 Datasheet HTML 2Page - Solid State Optronic AD4C333 Datasheet HTML 3Page - Solid State Optronic AD4C333 Datasheet HTML 4Page - Solid State Optronic AD4C333 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD4C333
1 Form A/1 Form B
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
60
1
1.4
1.8
2.2
2.6
3
3.4
3.8
Turn-On Tim e (m s)
AD4C333 - Normally Open
0
10
20
30
40
50
0.04 0.08 0.12 0.16 0.2 0.24 0.28 0.32
Turn-Off Tim e (m s)
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
AD4C333 - Normally Open
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
5.25 5.5 5.75
6
6.25 6.5 6.75
7
On-Resistance (ohm s)
AD4C333 - Normally Open
0
10
20
30
40
50
0.25 0.28 0.3 0.33 0.35 0.38 0.4 0.43
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD4C333 - Normally Open
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
260 265 270 275 280 285 290 295
Blocking Voltage (V)
AD4C333 - Normally Open
200
210
220
230
240
250
260
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD4C333 - Normally Open
Typical Load Current vs. Temperature
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com