Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S211 Datasheet(PDF) 1 Page - Solid State Optronic

Part # S211
Description  Dual 1 Form A Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

S211 Datasheet(HTML) 1 Page - Solid State Optronic

  S211 Datasheet HTML 1Page - Solid State Optronic S211 Datasheet HTML 2Page - Solid State Optronic S211 Datasheet HTML 3Page - Solid State Optronic S211 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S211
Dual 1 Form A
Solid State Relay
The S211 is a single-pole, double-throw, normally open, SCR output device. The circuits are composed of one LED on the input side
which activates an optically coupled IC circuit on the output side - controlling the firing angle of two back-to-back SCRs. This circuit
assures no false triggering under most adverse conditions and a tight zero-volt window not exceeding 5V.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
Inverse parallel SCR output
•
High transient immunity
•
600V blocking voltage
•
0.8A maximum continuous current
•
Low input control current
•
High input-to-output isolation
•
Solid state reliability
•
Zero-volt switching
•
Programmable controls
•
Valve control
•
Solenoids
•
Remote switching
•
Home appliances
•
Metering equipment
•
Heating elements
•
Gas pump control circuitry
•
Surface Mount Option
• -S
Tape and Reel Option
• -TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
+ Input (1)
1
2
3
4
8
7
6
5
- Input (1)
+ Input (2)
- Input (2)
AC Output (1)
AC Output (1)
AC Output (2)
AC Output (2)
rev
2.0 (9/24/04)
Solid State Optronics
1.888.377.4776
www.ssousa.com


Similar Part No. - S211

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S21100 MICROSEMI-S21100 Datasheet
129Kb / 2P
Silicon Power Rectifier
S21100 MICROSEMI-S21100 Datasheet
129Kb / 2P
SILICON POWER RECTIFIER
logo
Stontronics Ltd.
S2110ST STONTRONICS-S2110ST Datasheet
1Mb / 2P
DSA-151A-XX 15 Watt Series Safety Certifications
logo
List of Unclassifed Man...
S2112 ETC2-S2112 Datasheet
125Kb / 3P
NAVIGATE THE CATALOG BY SECTION
S2112 ETC2-S2112 Datasheet
450Kb / 1P
SKINTOP® SLN/SLRN Strain relief with NPT thread
2018
More results

Similar Description - S211

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
Dual 1 Form A Solid State Relay
17-August-01
LH1532FP VISHAY-LH1532FP Datasheet
147Kb / 7P
Dual 1 Form A Solid State Relay
26-Oct-04
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
Dual 1 Form A Solid State Relay
17-August-01
logo
Solid State Optronic
AD4C311 SSOUSA-AD4C311 Datasheet
209Kb / 5P
Dual 1 Form A Solid State Relay
AD4C211 SSOUSA-AD4C211 Datasheet
208Kb / 5P
Dual 1 Form A Solid State Relay
AD4C111-E SSOUSA-AD4C111-E Datasheet
167Kb / 4P
Dual 1 Form A Solid State Relay
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
Dual 1 Form A Solid-State Relay
25-Jul-11
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
Dual 1 Form A Solid-State Relay
12-Apr-13
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
Dual 1 Form A Solid-State Relay
05-Jul-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com