Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT601 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SPT601
Description  DC Input PhotoSCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SPT601 Datasheet(HTML) 2 Page - Solid State Optronic

  SPT601 Datasheet HTML 1Page - Solid State Optronic SPT601 Datasheet HTML 2Page - Solid State Optronic SPT601 Datasheet HTML 3Page - Solid State Optronic SPT601 Datasheet HTML 4Page - Solid State Optronic SPT601 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPT601
DC Input
PhotoSCR
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Must Operate Current
m
2.5
5
Io = 400mA, resistive load
A
Reverse Current
µ
10
Vr = 6.0V
A
Junction Capacitance
p
5
Vf = 0V
F
OUTPUT SPECIFICATIONS
Forward Blocking Voltage
V
400
RGK = 10KΩ, TA = 100ºC, Id = 150µA
Reverse Blocking Voltage
V
400
RGK=10KΩ, TA=100ºC, Id=150µA
Continuous Load Current
m
400
If = 5mA
A
Surge Current Rating
A
10
T = 16us
Holding Current
µ
500
RGK = 27KΩ, VFX = 50V
A
On-Voltage
V
1.1
1.4
Io = 400mA
Leakage Current
µ
10
Vo = 400V, Rgk = 47k
A
Gate Trigger Voltage
V
0.6
1
VFX=100V, RGK=27KΩ, RL=10KΩ
Forward Leakage Current
µ
1
10
RGK=10KΩ, VRX=400V, IF=0, TA=100ºC
A
Reverse Leakage Current
µ
1
10
RGK=10KΩ, VRX=400V, IF=0, TA=100ºC
A
Gate Trigger Current
µ
20
50
VFX=100V, RRG=27KΩ, RL=10KΩ
A
COUPLED SPECIFICATIONS
Isolation Voltage
V
3750
T = 1 minute
-H Suffix
V
5300
T = 1 minute
Isolation Resistance
G
100
Ω
Coupled Capacitance
p
2
F
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 5
SPT601
rev 1.40 (10/25/2004)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com