Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAA4100 Datasheet(PDF) 13 Page - Tripath Technology Inc.

Part # TAA4100
Description  FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA4100 Datasheet(HTML) 13 Page - Tripath Technology Inc.

Back Button TAA4100 Datasheet HTML 9Page - Tripath Technology Inc. TAA4100 Datasheet HTML 10Page - Tripath Technology Inc. TAA4100 Datasheet HTML 11Page - Tripath Technology Inc. TAA4100 Datasheet HTML 12Page - Tripath Technology Inc. TAA4100 Datasheet HTML 13Page - Tripath Technology Inc. TAA4100 Datasheet HTML 14Page - Tripath Technology Inc. TAA4100 Datasheet HTML 15Page - Tripath Technology Inc. TAA4100 Datasheet HTML 16Page - Tripath Technology Inc. TAA4100 Datasheet HTML 17Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Tri p ath Techn o l o g y, I n c. - Techn i cal I n fo rmati o n
13
TAA4100 – KL/ Rev. 0.97/04.05
Application Information
GENERAL DESCRIPTION
The TAA4100 is a 4-channel BTL (Bridge Tied Load) output audio amplifier that operates on a single
supply voltage ranging from 10-26V. The device is targeted specifically to meet the demands of OEM and
aftermarket automobile in-dash head units. With a single supply voltage of 25V, the device delivers four
100 Watt (saturated square wave) channels into 4 ohm. Since the TAA4100 is a switching amplifier, the
average dissipation at low to medium output power is far superior to best in class AB amplifiers
specifically designed for in-dash head units.
TAA4100 BASIC AMPLIFIER OPERATION
The TAA4100 has three major operational blocks: the signal processor, the MOSFET driver and the
power MOSFETs. The signal processor is a 5V CMOS block that amplifies the audio input signal and
converts the signal to a high frequency switching pattern. This switching pattern is spread spectrum in
nature and has a typical idle switching frequency of about 650kHz.
The MOSFET driver level shifts the processor’s 5V switching pattern to the VPP power supply voltage
and drives the power MOSFETs. The MOSFETs are N-channel devices configured as a full bridge to
supply audio power to the load. The outputs of the power MOSFETs must be low pass filtered to remove
the high frequency switching pattern leaving only the amplified audio signal.
CIRCUIT BOARD LAYOUT
The TAA4100 is a power (high current) amplifier that operates at relatively high switching frequencies.
Therefore, amplifier outputs switch between the supply voltage and ground at high speeds while driving
high currents. This high-frequency digital signal is passed through an LC low-pass filter to recover the
amplified audio signal. Since the amplifier must drive the inductive LC output filter and speaker loads, the
amplifier outputs can be pulled above the supply voltage and below ground by the energy in the output
inductance. To avoid subjecting the TAA4100 to potentially damaging voltage stress, it is critical to have a
good printed circuit board layout. It is recommended that Tripath’s layout and application circuit be used
for all applications and only be deviated from after careful analysis of the effects of any changes. Please
refer to the TAA4100 evaluation board document, EB-TAA4100, available on the Tripath website, at
www.tripath.com.
The following components are important to place near either their associated TAA4100 pins. The
recommendations are ranked in order of layout importance, either for proper device operation or
performance considerations.
-
The capacitors, CBR, provide high frequency bypassing of the amplifier power supplies and will
serve to reduce spikes and modulation of the power supply rails. Please note that bypassing
requires a combination of capacitors for adequate stabilization.
-
The output diodes, DO, are used to minimize overshoots/undershoots on the output node.
Improper routing of these diodes will render them useless due to PCB trace inductance. Thus,
these components must be located very close to the output pins with the “other side of the
diode” routed directly to the appropriate VPP or PGND pin.
-
The capacitors, CS, provide high frequency bypassing of the amplifier power supplies. Please
note that bypassing requires a combination of capacitors for adequate stabilization.
TAA4100 GROUNDING
Proper grounding techniques are required to maximize TAA4100 functionality and performance.
Parametric parameters such as THD+N, Noise Floor and Crosstalk can be adversely affected if proper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com