Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3AT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCS3AT
Description  3-element colour sensor - TO5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS3AT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCS3AT Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS3AT Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS3AT Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS3AT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
D
PIN-CONFIGURATION
(Top view)
PIN
description
1
A1 red
2
A2 blue
3
A3 green
K
common cathode
APPLICATION CIRCUIT
Opposite figure shows a circuit for the
conversion of photo current to an equivalent
voltage. These voltage can be processed
e.g. with an ADC. By the selection of suitable
resistors the output voltage range can be
adjusted to the photo current value.
(for example the pin-programmable
transimpedance amplifier MTI04 with the
resistors 25k
Ω, 500kΩ
and 5M
Ω)
APPLICATION NOTE
It is recommended to use an IR-block filter > 720nm (MCS3BT) or a light source with low
infrared radiation for optimal operations of the colour sensor.
ORDERING INFORMATION
Colour sensor as Die
MCS3
Colour sensor with TO5-package, transparent encapsulated (plastic) MCS3AT
Colour sensor with TO5-package, with top and IR-blocking windows
MCS3BT
Evaluation board for JENCOLOUR sensors
MCS-EB1
For more detailed information please contact:
K
A1
A2
A3
Photo
Out
x
I
V
R
≈
TO5-package
MTI04
MAZeT
+V
I
I
I
R
R
R
V
V
V
MCS3
R
red
green
blue
1
2
3
blue
green
red
Issue: 0
4/02 / V2 / pdf / mazet.pdf / mcs3at_b.pdf
LASER COMPONENTS GmbH
Werner-von-Siemens-Str. 15
D-82140 Olching / Germany
Telefon
+49 (0) 81 42 / 2864 0
Telefax
+49 (0) 8142 / 2864 11
E-Mail: info@lasercomponents.
com
www.lasercomponents.
com
LASER COMPONENTS
Instrument Group, Inc.
10 Upton Drive
USA 01887 Wilmington, MA
Phone:
+1 978 6589 100
Fax:
+1 978 6581 888
E-Mail: erenfer@laser-components.com
www.laser-components.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com