Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F258
Description  High Performance, 28/40-Pin Enhanced FLASH Microcontrollers with CAN
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F258 Datasheet HTML 35Page - Microchip Technology PIC18F258 Datasheet HTML 36Page - Microchip Technology PIC18F258 Datasheet HTML 37Page - Microchip Technology PIC18F258 Datasheet HTML 38Page - Microchip Technology PIC18F258 Datasheet HTML 39Page - Microchip Technology PIC18F258 Datasheet HTML 40Page - Microchip Technology PIC18F258 Datasheet HTML 41Page - Microchip Technology PIC18F258 Datasheet HTML 42Page - Microchip Technology PIC18F258 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 384 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS41159B-page 37
PIC18FXX8
4.0
MEMORY ORGANIZATION
There are three memory blocks in Enhanced MCU
devices. These memory blocks are:
• Enhanced FLASH Program Memory
• Data Memory
• EEPROM Data Memory
Data and program memory use separate busses,
which allows concurrent access of these blocks. Addi-
tional detailed information on Data EEPROM and
FLASH program memory is provided in Section 5.0 and
Section 6.0, respectively.
4.1
Program Memory Organization
The PIC18F258/458 devices have a 21-bit program
counter that is capable of addressing a 2 Mbyte
program memory space.
The RESET vector address is at 0000h and the
interrupt vector addresses are at 0008h and 0018h.
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK FOR
PIC18F258/458
Figure 4-1 shows the diagram for program memory
map and stack for the PIC18F258 and PIC18F458.
Figure 4-2 shows the the diagram for the program
memory map and stack for the PIC18F248 and
PIC18F448.
4.1.1
INTERNAL PROGRAM MEMORY
OPERATION
The PIC18F258 and the PIC18F458 have 32 Kbytes of
internal Enhanced FLASH program memory. This
means that the PIC18F258 and the PIC18F458 can
store up to 16K of single word instructions. The
PIC18F248
and
PIC18F448
have
16 Kbytes
of
Enhanced FLASH program memory. This translates
into 8192 single-word instructions, which can be stored
in the Program memory. Accessing a location between
the physically implemented memory and the 2 Mbyte
address will cause a read of all '0's (a NOP instruction).
FIGURE 4-2:
PROGRAM MEMORY MAP
AND STACK FOR
PIC18F248/448
PC<20:0>
Stack Level 1
•
Stack Level 31
RESET Vector
Low Priority Interrupt Vector
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
0000h
0018h
8000h
7FFFh
On-Chip
Program Memory
High Priority Interrupt Vector 0008h
Read ’0’
1FFFFFh
200000h
PC<20:0>
Stack Level 1
•
Stack Level 31
RESET Vector
Low Priority Interrupt Vector
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
0000h
0018h
On-Chip
Program Memory
High Priority Interrupt Vector 0008h
1FFFFFh
4000h
3FFFh
Read ’0’
200000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com