Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03060YAS Datasheet(PDF) 1 Page - Texas Instruments

Part # PTH03060YAS
Description  MEMORY BUS TERMINATION MODULES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03060YAS Datasheet(HTML) 1 Page - Texas Instruments

  PTH03060YAS Datasheet HTML 1Page - Texas Instruments PTH03060YAS Datasheet HTML 2Page - Texas Instruments PTH03060YAS Datasheet HTML 3Page - Texas Instruments PTH03060YAS Datasheet HTML 4Page - Texas Instruments PTH03060YAS Datasheet HTML 5Page - Texas Instruments PTH03060YAS Datasheet HTML 6Page - Texas Instruments PTH03060YAS Datasheet HTML 7Page - Texas Instruments PTH03060YAS Datasheet HTML 8Page - Texas Instruments PTH03060YAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
10-A NON-ISOLATED DDR/QDR
FEATURES
(25,4 mm x 15,75 mm)
NOMINAL SIZE
1 in. x 0.62 in
DESCRIPTION
VIN
Standby
GND
V
TT
V
REF
Co
1
Low−ESR
(Required)
C
IN
(Required)
1 k
1 %
1 k
1 %
V
DDQ
SSTL−2
Bus
Co
2
Ceramic
(Optional)
Q
1
BSS138
(Optional)
Co
n
hf−Ceramic
PTHxx060Y
(Top View)
1
2
10 9
8
7
6
5
4
3
CIN = Required Capacitor; 330µF (3.3 ± 5 V Input), 560 µF (12 V Input).
Co1 = Required Low-ESR Electrolyitic Capacitor; 470 µF (3.3 ± 5 V Input), 940 µF (12 V Input).
Co2 = Ceramic Capacitance for Optimum Response to a 3 A (+ 1.5 A) Load Transient; 200 µF (3.3 ± 5 V Input), 400 µF (12 V Input).
Con = Distributed hf-Ceramic Decoupling Capacitors for VTT bus; as Recommended for DDR Memory Applications.
PTH03060Y
PTH05060Y, PTH12060Y
SLTS222A–MARCH 2004–REVISED OCTOBER 2005
MEMORY BUS TERMINATION MODULES
•
VTT Bus Termination Output
•
57 W/in3 Power Density
(Output Tracks the System VREF)
•
Safety Agency Approvals:
•
10 A Output Current
UL/cUL60950, EN60950, VDE
•
3.3-V, 5-V or 12-V Input Voltage
•
Point-of-Load Alliance (POLA™) Compatible
•
DDR and QDR Compatible
•
On/Off Inhibit (for VTT Standby)
•
Undervoltage Lockout
•
Operating Temperature: –40°Cto85°C
•
Efficiencies up to 91%
•
Output Overcurrent Protection (Non-Latching,
Auto-Reset)
The PTHxx060Y are a series of ready-to-use switching regulator modules from Texas Instruments designed
specifically for bus termination in DDR and QDR memory applications. Operating from either a 3.3-V, 5-V or 12-V
input, the modules generate a VTT output that will source or sink up to 10 A of current to accurately track their
VREF input. VTT is the required bus termination supply voltage, and VREF is the reference voltage for the memory
and chipset bus receiver comparators. VREF is usually set to half the VDDQ power supply voltage.
Both the PTHxx060Y series employs an actively switched synchronous rectifier output to provide state-of-the-art
stepdown switching conversion. The products are small in size (1 in × 0.62 in), and are an ideal choice where
space, performance, and high efficiency are desired, along with the convenience of a ready-to-use module.
Operating features include an on/off inhibit and output over-current protection (source mode only). The on/off
inhibit feature allows the VTT bus to be turned off to save power in a standby mode of operation. To ensure tight
load regulation, an output remote sense is also provided. Package options include both throughhole and surface
mount configurations.
STANDARD APPLICATION
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
POLA is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH03060YAS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTH03060YAS EMERSON-NETWORKPOWER-PTH03060YAS Datasheet
232Kb / 4P
Non-isolated DDR/QDR Memory Bus Termination Module
logo
Texas Instruments
PTH03060YAS TI2-PTH03060YAS Datasheet
892Kb / 19P
10-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
logo
Emerson Network Power
PTH03060YAST EMERSON-NETWORKPOWER-PTH03060YAST Datasheet
232Kb / 4P
Non-isolated DDR/QDR Memory Bus Termination Module
logo
Texas Instruments
PTH03060YAST TI2-PTH03060YAST Datasheet
892Kb / 19P
10-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
More results

Similar Description - PTH03060YAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050Y TI-PTH12050Y Datasheet
267Kb / 7P
6-A Non-Isolated DDR/QDR Memory Bus Termination Modules
PTH03010Y TI-PTH03010Y Datasheet
776Kb / 18P
15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
logo
California Micro Device...
CM3109 CALMIRCO-CM3109 Datasheet
542Kb / 12P
2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination
logo
Winbond
W83310S-R2 WINBOND-W83310S-R2 Datasheet
473Kb / 13P
Bus Termination Regulator
logo
Emerson Network Power
PTHXX060Y EMERSON-NETWORKPOWER-PTHXX060Y Datasheet
232Kb / 4P
Non-isolated DDR/QDR Memory Bus Termination Module
logo
Winbond
W83310DS-A WINBOND-W83310DS-A Datasheet
644Kb / 15P
Bus Termination Regulator
W83310U WINBOND-W83310U Datasheet
326Kb / 13P
Bus Termination Regulator
logo
Altera Corporation
EV1380QI ALTERA-EV1380QI Datasheet
944Kb / 18P
Memory Termination
logo
Nuvoton Technology Corp...
NCT3101S NUVOTON-NCT3101S Datasheet
669Kb / 20P
Bus Termination Regulator
logo
Pepperl+Fuchs Inc.
FB9293B PF-FB9293B Datasheet
427Kb / 3P
Bus Termination Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com