Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C70 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT48C70
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C70 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT48C70 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
Selection Table
Mask version
Part No.
HT48C10
HT48C30
HT48C50
HT48C70
Operating Voltage
2.4V~5.2V
2.4V~5.2V
2.4V~5.2V
2.4V~5.2V
External Interrupt
1
1
1
1
Internal Interrupt
1
1
2
2
8-bit Timer/Event Counter
1
1
1
0
16-bit Timer/Event Counter
0
0
1
2
System Oscillator
Crystal/RC
Crystal/RC
Crystal/RC
Crystal/RC
Watchdog Timer
1
1
1
1
ROM
1K
×14
2K
×14
4K
×15
8K
×16
RAM
64
×8
(40H~7FH)
96
×8
(20H~7FH)
160
×8
(60H~FFH)
224
×8
(20H~FFH)
I/O Lines
18
22
32
56
Instructions
63
63
63
63
Stack Levels
2
2
4
8
Operating Frequency
400kHz~8MHz 400kHz~8MHz
400kHz~8MHz
400kHz~8MHz
Power Down Mode
√√
√
√
Table Read Instructions
√√
√
√
OTP version
Part No.
VDD
fSYS
I/O Pull-high
Mask version
HT48R11
3.0V~5.2V
400k~4MHz
No
HT48C10
HT48R12
3.0V~5.2V
400k~4MHz
Yes
HT48C10
HT48R31
3.0V~5.2V
400k~4MHz
No
HT48C30
HT48R32
3.0V~5.2V
400k~4MHz
Yes
HT48C30
HT48R50
3.0V~5.2V
400k~4MHz
Yes
HT48C50
HT48R51*
3.0V~5.2V
400k~4MHz
No
HT48C50
* Under development
HT48CXX/HT48RXX
2
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com