Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R50 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT48R50
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R50 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT48R50 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R50 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R50 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R50 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48R50 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48R50 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48R50 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48R50 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R50 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
OR A,[m]
Logical OR accumulator with data memory
Description
Data in the accumulator and the specified data memory (one of the data
memories) perform a bitwise logical_OR operation. The result is stored in the
accumulator.
Operation
ACC
← ACC “OR” [m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
OR A,x
Logical OR immediate data to the accumulator
Description
Data in the accumulator and the specified data perform a bitwise logical_OR
operation. The result is stored in the accumulator.
Operation
ACC
← ACC “OR” x
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
ORM A,[m]
Logical OR data memory with the accumulator
Description
Data in the data memory (one of the data memories) and the accumulator
perform a bitwise logical_OR operation. The result is stored in the data
memory.
Operation
[m]
← ACC “OR” [m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
RET
Return from subroutine
Description
The program counter is restored from the stack. This is a two-cycle instruc-
tion.
Operation
PC
← Stack
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
HT48CXX/HT48RXX
39
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com