Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8656 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT8656
Description  Talking Back
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8656 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT8656 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8656 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8656 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8656 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8656 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8656 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8656 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8656 Datasheet HTML 9Page - Holtek Semiconductor Inc HT8656 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DRAM Type
(MS)
Sampling
Rate
(16KB)
Recording
Capacity
64Kb
32Kb
2 seconds
64Kb
16Kb
4 seconds
256Kb
32Kb
8 seconds
256Kb
16Kb
16 seconds
Recording starts whenever a sound input is
detected. It then stops once a 0.5 seconds si-
lence is detected or the recording capacity is
full. After that, talking back comes into play.
Play function
The HT8656 stops to play back the recorded
sounds when an interval of silence lasts 0.5
seconds during recording. Its sampling rate is
the same as the rate of recording sounds.
Power control
The HT8656 provides a START pin for power
control. The START pin is of high impedance
and switch Q is turned off initially. After the
START pin is triggered, it will remain at a low
level and switch Q is turned on. The START pin
is of high impedance and the chip’s power is
switched off when a REC/PLAY cycle has been
implemented 64 times or an interval of silence
lasts over 2 minutes.
Motor
The HT8656 provides a motor driving pin. The
motor is turned on during playing but off once
talking back is terminated.
LED
The LED pin displays the status of the HT8656.
LED is switched ON when the IC is in the
standby state. Its intensity varies inversely
with the sound volume when the IC is in the
recording state. In the playing state, the LED is
switched OFF.
HT8656
6
5th May ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com