Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3103 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IRF3103
Description  HEXFET짰 Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IRF3103 Datasheet(HTML) 1 Page - InterFET Corporation

  IRF3103 Datasheet HTML 1Page - InterFET Corporation IRF3103 Datasheet HTML 2Page - InterFET Corporation IRF3103 Datasheet HTML 3Page - InterFET Corporation IRF3103 Datasheet HTML 4Page - InterFET Corporation IRF3103 Datasheet HTML 5Page - InterFET Corporation IRF3103 Datasheet HTML 6Page - InterFET Corporation IRF3103 Datasheet HTML 7Page - InterFET Corporation IRF3103 Datasheet HTML 8Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
IRL3103
PD - 9.1337C
l Logic-Level Gate Drive
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
VDSS = 30V
RDS(on) = 0.014Ω
ID = 64A
S
D
G
TO-220AB
8/25/97
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
1.4
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.50
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
62
Thermal Resistance
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
64
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
45
A
IDM
Pulsed Drain Current

220
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy
‚
240
mJ
IAR
Avalanche Current

34
A
EAR
Repetitive Avalanche Energy

11
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Absolute Maximum Ratings


Similar Part No. - IRF3103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRF300 ETC-IRF300 Datasheet
84Kb / 2P
50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
logo
International Rectifier
IRF3000 IRF-IRF3000 Datasheet
120Kb / 8P
SMPS MOSFET
IRF3000PBF IRF-IRF3000PBF Datasheet
129Kb / 8P
HEXFET Power MOSFET
IRF3007 IRF-IRF3007 Datasheet
149Kb / 9P
AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF3007 ISC-IRF3007 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - IRF3103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRF9510PBF IRF-IRF9510PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
IRF820PBF IRF-IRF820PBF Datasheet
3Mb / 7P
HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com