Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLL400IP-2 Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FLL400IP-2
Description  L-Band Medium & High Power GaAs FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLL400IP-2 Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FLL400IP-2 Datasheet HTML 1Page - Eudyna Devices Inc FLL400IP-2 Datasheet HTML 2Page - Eudyna Devices Inc FLL400IP-2 Datasheet HTML 3Page - Eudyna Devices Inc FLL400IP-2 Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
-28
-26
-24
-14
-12
-16
-18
-20
-22
28
26
30
32
34
36
38
40
42
44
Total Output Power (dBm)
VDS = 12V
IDS = 2A
f = 1.96GHz
∆f = +5.0MHz
OUTPUT POWER vs. IMD
IM5
IM3
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
-26
-28
-24
-22
-20
28
27
29
30
32
33
31
34
35
36
37
38
39
40
41
42
43
Total Output Power (dBm)
VDS = 10V
IDS = 5A
f = 1.96GHz
∆f = +5MHz
OUTPUT POWER vs. IMD
IM5
IM3
FLL400IP-2
L-Band Medium & High Power GaAs FET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com