Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS5534AP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MS5534AP
Description  BAROMETER MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS5534AP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MS5534AP Datasheet HTML 5Page - List of Unclassifed Manufacturers MS5534AP Datasheet HTML 6Page - List of Unclassifed Manufacturers MS5534AP Datasheet HTML 7Page - List of Unclassifed Manufacturers MS5534AP Datasheet HTML 8Page - List of Unclassifed Manufacturers MS5534AP Datasheet HTML 9Page - List of Unclassifed Manufacturers MS5534AP Datasheet HTML 10Page - List of Unclassifed Manufacturers MS5534AP Datasheet HTML 11Page - List of Unclassifed Manufacturers MS5534AP Datasheet HTML 12Page - List of Unclassifed Manufacturers MS5534AP Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DA5534_022.doc
July 17th, 2002
9
ECN493
FUNCTION
General
The MS5534 consists of a piezoresistive sensor and a sensor interface IC. The main function of the MS5534 is to
convert the uncompensated analog output voltage from the piezoresistive pressure sensor to a 16-Bit digital
value, as well as providing a 16-Bit digital value for the temperature of the sensor.
• measured pressure (16-Bit)
“D1”
• measured temperature (16-Bit)
“D2”
As the output voltage of a pressure sensor is strongly dependent on temperature and process tolerances, it is
necessary to compensate for these effects. This compensation procedure must be performed by software using
an external microcontroller.
Factory calibration
Every module is individually factory calibrated at two temperatures and two pressures. As a result, 6 coefficients
necessary to compensate for process variations and temperature variations are calculated and stored in the 64-
Bit PROM of each module. These 64-Bit (partitioned into four words of 16-Bit) must be read by the
microcontroller software and used in the program converting D1 and D2 into compensated pressure and
temperature values.
Pressure and temperature measurement
The sequence of reading pressure and temperature as well as of performing the software compensation is
depicted in flow chart, Fig. 3 and Fig. 5.
First the WORD1 to WORD4 have to be read through the serial interface. This can be done once after reset of
the microcontroller that interfaces to the MS5534. Next the compensation coefficients C1 to C6 are extracted
using Bit-wise logical- and shift-operations (refer to Fig. 4 for the Bit-pattern of word 1 to word 4).
For the pressure measurement the microcontroller has to read the 16 Bit values for pressure (D1) and
temperature (D2) via the serial interface in a loop (for instance every second). Then, the compensated pressure
is calculated out of D1, D2 and C1 to C6 according to the algorithm in Fig. 3 (possibly using quadratic
temperature compensation according to Fig. 5). All calculations can be performed with signed 16-Bit variables.
Results of multiplications may be up to 32-Bit long (+sign). In the flow according to Fig. 3 each multiplication is
followed by a division. This division can be performed by Bit-wise shifting (divisors are to the power of 2). It is
ensured that the results of these divisions are less than 65536 (16-Bit).
For the timing of signals to read out WORD1 to WORD4, D1, and D2 please refer to the paragraph “Serial
Interface”.
Measurement principle
For both pressure and temperature measurement the same ADC is used (sigma delta converter):
• for the pressure measurement, the differential output voltage from the pressure sensor is converted
• for the temperature measurement, the sensor bridge resistor is sensed and converted
During both measurements the sensor will only be switched on for a very short time in order to reduce power
consumption. As both, the bridge bias and the reference voltage for the ADC are derived from VDD, the
digital output data is independent of the supply voltage. The A/D converter has been optimized to work in the
linear range (numeric values in range [5,000:37,000]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com