Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAK-III Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PAK-III
Description  Using the PAK-III I/O Coprocessor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAK-III Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PAK-III Datasheet HTML 3Page - List of Unclassifed Manufacturers PAK-III Datasheet HTML 4Page - List of Unclassifed Manufacturers PAK-III Datasheet HTML 5Page - List of Unclassifed Manufacturers PAK-III Datasheet HTML 6Page - List of Unclassifed Manufacturers PAK-III Datasheet HTML 7Page - List of Unclassifed Manufacturers PAK-III Datasheet HTML 8Page - List of Unclassifed Manufacturers PAK-III Datasheet HTML 9Page - List of Unclassifed Manufacturers PAK-III Datasheet HTML 10Page - List of Unclassifed Manufacturers PAK-III Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
and communicate with it. The only problem is, you will have to make sure not to ask the
device for data while it is processing. Most operations are quite fast, but some operations
(generating a tone, or writing to EEPROM, for example) can take a long time depending
on what parameters you specify.
If you need to disable and enable the device, you'll want to drive the Enable/Busy pin.
Using this pin allows you to share the SIN, SOUT, and CLK lines with other devices that
use a similar protocol. So to connect 5 Paks you'd only need 7 I/O lines (5 enables, 1
SIN/SOUT, and 1 CLK line). You drive the Enable/Busy pin low to disable the device. If
you don't plan to use this capability, just pull the pin high with a pull up resistor. If you
are using the Busy/Mode input (see below) you can still use a pull up resistor, or just tie
the Enable/Busy pin directly to +5V.
If you ground the Busy/Mode input at start up, the device will also use the Enable/Busy
pin to tell you when it is unavailable. It does this by driving the line low when it is not
ready. That means the host must drive the pin with an open collector output if it wants to
disable the device. If you don't need to disable the device, you can just connect the pin to
a pull up resistor and connect the Enable/Busy pin to an input on the host.
If you want to use a normal output to drive the Enable/Busy pin, but you still want a busy
indication, you can connect the Busy/Mode pin to 5V through a pull up resistor. Then the
Pak III will use the Busy/Mode pin to signify it is busy (the pin is high when busy). In
this case, the Enable/Busy pin is always an input and you can drive it normally.
One thing to note about the status returns: All of the commands will return zeros in the
top bit of the response. You can use this as a form of busy indication if you are unwilling
to use any other pins. Simply read the data pin until it is zero. This indicates that the
device is sending the response. The READX and RIO commands do not follow this
convention, but they take very little time to execute anyway (less than 4 uS).
To summarize, here are the ways you can synchronize with the Pak III:
1. Monitor the Enable/Busy line while Busy/Mode is grounded. If you bring Enable/Busy
low it indicates that the Pak III is disabled. If the Pak III brings the pin low, it means it is
engaged in operations.
2. Place a pull up resistor on the Busy/Mode pin. This will cause the Busy/Mode pin to be
high when the Pak III is busy.
3. Wait until the data pin goes low before reading responses.
Command Reference
BITREAD
Reads the logical state of the specified pin (1 or 0). This command does not
automatically force the pin into the input state. Returns a 0 or 1 byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com