Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95E Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82K95E
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95E Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82K95E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K95E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K95E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K95E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K95E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K95E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K95E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K95E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K95E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
ROM Code
Option
Description
PA0~PA5
PA6/TMR0
PA7/TMR1
I/O
Pull-high
Wake-up
CMOS/NMOS/PMOS
Bidirectional 8-bit input/output port. Each bit can be configured as a
wake-up input by ROM code option. The input or output mode is con-
trolled by PAC (PA control register).
Pull-high resistor options: PA0~PA7
CMOS/NMOS/PMOS options: PA0~PA7
Wake up options: PA0~PA7
PA6 and PA7 are pin-shared with TMR0 and TMR1 input, respectively.
PB0~PB7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined
by pull-high options).
Wake-up options: PB0~PB7
PD0~PD7
I/O
Pull-high
Wake-up
Bidirectional I/O lines. Software instructions determine the CMOS out-
put or Schmitt trigger input with pull-high resistor (determined by
pull-high options).
Wake-up options: PD0~PD7
VSS
¾¾
Negative power supply, ground
PC0~PC7
I/O
Pull-high
Wake-up
Bidirectional I/O lines. Software instructions determine the CMOS out-
put or Schmitt trigger input with pull-high resistor (determined by
pull-high options).
Wake-up options: PC0~PC7
RES
I
¾
Schmitt trigger reset input. Active low
VDD
¾¾
Positive power supply
V33O
O
¾
3.3V regulator output
HT82K95E/HT82K95A
Rev. 1.20
3
October 24, 2005
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
H T 8 2 K 9 5 E / H T 8 2 K 9 5 A
4 8 S S O P - A
P C 6
P C 7
P A 4
P A 5
P A 6 / T M R 0
P A 7 / T M R 1
N C
N C
N C
N C
P D 3
P D 2
P D 1
P D 0
O S C 1
O S C 2
R E S
V S S
P B 7
P B 6
P B 5
P B 4
P B 3
P B 2
P C 5
P C 4
P A 3
P A 2
P A 1
P A 0
P C 0
P C 1
P C 2
P C 3
N C
N C
N C
N C
P D 4
P D 5
P D 6
P D 7
V D D
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
P B 0
P B 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
H T 8 2 K 9 5 E / H T 8 2 K 9 5 A
2 0 S O P - A / S S O P - A
P A 3
P A 2
P A 1
P A 0
P C 0
P D 4
V D D
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
P A 4
P A 5
P A 6 / T M R 0
P A 7 / T M R 1
O S C 1
O S C 2
R E S
V S S
P B 7
P B 6
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
H T 8 2 K 9 5 E / H T 8 2 K 9 5 A
2 8 S O P - A
P C 3
V D D
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
P B 0
P B 1
P B 2
P B 3
P B 4
P B 5
P B 6
P B 7
V S S
P C 2
P C 0
P A 0
P A 1
P A 2
P A 3
P C 4
P A 4
P A 5
P A 6 / T M R 0
P A 7 / T M R 1
O S C 1
O S C 2
R E S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com