Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M32B Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82M32B
Description  3/5-Key 3D PS/2 Optical Mouse Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M32B Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82M32B Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 9Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 10Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Win2K PS/2 Optical Mouse Controller (PAN3101)
HT82M32A/HT82M32B Z-Axis Optomechanical (This Application Circuit is for Reference Only)
Note:
* For resistor value selection, refer to high or low input level of Z1 and Z2 in the D.C. Characteristics table.
The recommended value is 6k
W.
HT82M32A/HT82M32B
Rev. 1.00
9
January 24, 2006
1
2
3
4
D A T A
C L K
V D D
G N D
G N D
J 1
P S 2 C o n
1
2
3
4
5
4 . 7 k W
4 . 7 k W
1 0 0 m F
1
2
3
4
5
6
7
8
S W 7
S W 8
R
L
U 4
R B
L B
Z 2 / A
Z 1 / B
R B 1
S D I O
S C L K
V S S
R O
R B 0
P S 2 D
P S 2 C K
N C
O S C 1
V D D
R E S
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
S W 9
1 4 0 k W
0 . 1 m F
0 . 1 m F
4 7 k W
M
O S C _ I N
O S C _ O U T
S D I O
S C K
P A N 3 1 0 1
U 3
1 N 4 1 4 8
5 1 W
L E D
1 8 . 4 3 2 M H z
Y 1
1 m F
1 0 m F
0 . 1 m F
8
7
6
5
R E F A
V D D
G N D
L E D _ C T R L
1 0 0 W
2 N 3 9 0 6
1 k W
E n c o d e r
S W 1
B 5
S W 2
B 4
H T 8 2 M 3 2 A / H T 8 2 M 3 2 B
6 8 W
6 8 W
4 7 0 p F
4 7 0 p F
1
2
3
4
D A T A
C L K
V D D
G N D
G N D
J 1
P S 2 C o n
1
2
3
4
5
4 . 7 k W
4 . 7 k W
1 0 0 m F
1
2
3
4
5
6
7
8
S W 7
S W 8
R
L
U 4
R B
L B
Z 2 / A
Z 1 / B
R B 1
S D I O
S C L K
V S S
R O
R B 0
P S 2 D
P S 2 C K
N C
O S C 1
V D D
R E S
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
S W 9
1 4 0 k W
0 . 1 m F
0 . 1 m F
4 7 k W
M
H T 8 2 M 3 2 A / H T 8 2 M 3 2 B
O S C _ I N
O S C _ O U T
S D I O
S C K
P A N 3 1 0 1
U 3
1 N 4 1 4 8
5 1 W
L E D
1 8 . 4 3 2 M H z
Y 1
1 m F
1 0 m F
0 . 1 m F
8
7
6
5
R E F A
V D D
G N D
L E D _ C T R L
1 0 0 W
2 N 3 9 0 6
1 k W
S W 1
B 5
S W 2
B 4
I R
R
Z 1
Z 2
*
*
6 8 W
6 8 W
4 7 0 p F
4 7 0 p F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com