Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9172 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9172
Description  DTMF Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9172 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9172 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Internal
Connection
Description
VP
I
Operational
Amplifier
Operational amplifier non-inverting input
VN
I
Operational amplifier inverting input
GS
O
Operational amplifier output terminal
VREEF
O
VREF
Reference voltage output, normally VDD/2
X1
I
oscillator
The system oscillator consists of an inverter, a bias resistor and the required
on-chip load capacitor.
A standard 3.579545MHz crystal connected to the X1 and X2 terminals imple-
ments the oscillator function.
X2
O
PWDN
I
CMOS IN
Pull-low
Active high. This enables the device to go into its power down mode and inhibits
the oscillator. This pin input is pulled low internally.
INH
I
CMOS IN
Pull-low
Active high. This inhibits the detection of tones representing characters A, B, C
and D. This pin input is pulled low internally.
VSS
¾¾
Negative power supply, ground
OE
I
CMOS IN
Pull-high
D0~D3 output enable, active high
D0~D3
O
CMOS OUT
Tristate
Received data output terminals
OE=
²H²: Output enable
OE=
²L²: High impedance
DV
O
CMOS OUT
Data valid output.
When the device has received a valid DTMF tone, this line will go high; other-
wise it remains low.
EST
O
CMOS OUT
Early steering output - see Functional Description
RT/GT
I/O
CMOS IN/OUT
Tone acquisition time and release time can be set through connection with ex-
ternal resistor and capacitor.
VDD
¾¾
Positive power supply, 2.5V~5.5V for normal operation
HT9172
Rev. 1.00
2
March 30, 2006
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
V D D
R T / G T
E S T
D V
D 3
D 2
D 1
D 0
O E
V P
V N
G S
V R E F
I N H
P W D N
X 1
X 2
V S S
H T 9 1 7 2
1 8 D I P - A / S O P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com