Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86070 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT86070
Description  Voice Synthesizer 8-Bit MCU
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86070 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT86070 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86070 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86070 Datasheet HTML 11Page - Holtek Semiconductor Inc HT86070 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86070 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86070 Datasheet HTML 14Page - Holtek Semiconductor Inc HT86070 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86070 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86070 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
HT86030/HT86070
Rev. 1.00
13
February 20, 2006
During the execution of an interrupt subroutine, other in-
terrupt acknowledges are held until the RETI instruction
is executed or the EMI bit and the related interrupt con-
trol bit are set to 1 (of course, if the stack is not full). To
return from the interrupt subroutine, the RET or RETI in-
struction may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET will not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests,
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
The Timer/Event Counter 0/1 interrupt request flag
(T0F/T1F) which enables Timer/Event Counter 0/1 con-
trol bit (ET0I/ET1I), the Timer Counter 3 interrupt re-
quest flag (T3F) which enables Timer Counter 3 control
bit (ET3I), and external interrupt request flag (EIF)
which enables external interrupt control bit (EEI) form
the interrupt control register (INTC:0BH and
INTCH:1EH). EMI, EEI, ET0I, ET1I and ET3I are used
to control the enabling/disabling of interrupts. These bits
prevent the requested interrupt begin serviced. Once
the interrupt request flags (T0F, T1F, T3F, EIF) are set,
they will remain in the INTC/INTCH register until the in-
terrupts are serviced or cleared by a software instruc-
tion.
It is recommended that application programs do not use
CALL subroutines within an interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only
one stack is left and the interrupt enable is not well con-
trolled, once a CALL subroutine if used in the interrupt
subroutine will corrupt the original control sequence.
Bit No. Label
Function
0
EMI
Controls the master (global) interrupt
(1= enabled; 0= disabled)
1
EEI
Controls the external interrupt
(1= enabled; 0= disabled)
2
ET0I
Controls the timer 0 interrupt
(1= enabled; 0= disabled)
3
ET1I
Controls the timer 1 interrupt
(1= enabled; 0= disabled)
4
EIF
External interrupt request flag
(1= active; 0= inactive)
5
T0F
Timer 0 request flag
(1= active; 0= inactive)
6
T1F
Timer 1 request flag
(1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC (0BH) Register
Bit No.
Label
Function
0, 2~4, 6~7
¾
Unused bit, read as
²0²
1
ET3I
Controls the timer 3 interrupt
(1= enabled; 0= disabled)
5
T3F
Timer 3 interrupt request flag
(1= active; 0= inactive)
INTCH (1EH) 1 Register
Interrupt Source
Priority
Vector
External Interrupt
1
04H
Timer/Event Counter 0 Overflow
2
08H
Timer/Event Counter 1 Overflow
3
0CH
Timer Counter 3 Overflow
4
14H
Oscillator Configuration
The HT86030/HT86070 provides two types of oscillator
circuit for the system clock, i.e., RC oscillator and crystal
oscillator. No matter what type of oscillator, the signal is
used for the system clock. The HALT mode stops the
system oscillator and ignores external signal to con-
serve power. If the RC oscillator is used, an external re-
sistor between OSC1 and VSS is required, and the
range of the resistance should be from 30k
W to 680kW.
The system clock, divided by 4, is available on OSC2
with pull-high resistor, which can be used to synchronize
external logic. The RC oscillator provides the most cost
effective solution. However, the frequency of the oscilla-
tion may vary with VDD, temperature, and the chip itself
due to process variations. It is therefore not suitable for
timing sensitive operations where accurate oscillator
frequency is desired.
On the other hand, if the crystal oscillator is selected, a
crystal across OSC1 and OSC2 is needed to provide the
feedback and phase shift required for the oscillator, and
no other external components are required. A resonator
may be connected between OSC1 and OSC2 to replace
the crystal and to get a frequency reference, but two ex-
ternal capacitors in OSC1 and OSC2 are required.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 2
f S Y S / 4
O S C 1
V D D
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com