Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761 Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7761
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7761 Datasheet HTML 17Page - Analog Devices ADE7761 Datasheet HTML 18Page - Analog Devices ADE7761 Datasheet HTML 19Page - Analog Devices ADE7761 Datasheet HTML 20Page - Analog Devices ADE7761 Datasheet HTML 21Page - Analog Devices ADE7761 Datasheet HTML 22Page - Analog Devices ADE7761 Datasheet HTML 23Page - Analog Devices ADE7761 Datasheet HTML 24Page - Analog Devices ADE7761 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADE7761
Rev. A | Page 21 of 28
V1B
V1N
V1A
RF
RF
CF
CF
CT
CT
RB
RB
0V
V1A
*RB + VR = RF
VR*
RB*
RA*
V2P
RF
V2N
CT
CF
LOAD
240V RMS
POWER
GENERATOR
IB
Figure 29. Missing Neutral System Diagram
The ADE7761 detects a missing neutral condition by continu-
ously monitoring the voltage channel input (V2P–V2N). The
FAULT pin is held high when a missing neutral condition is
detected. In this mode, the ADE7761 continues to bill the
energy based on the signal level on the current channel (see
Figure 30). The billing rate or frequency outputs can be adjusted
by changing the dc level on the MISCAL pin.
V1A
V1N
V1B
MISSING NEUTRAL
GAIN ADJUSMENT
DIGITAL-
TO-
FREQUENCY
CONVERTERS
CF F1
F2
ZERO
CROSSING
DETECTION
A > B
B > A
B <> A
ADC
ADC
ADC
MISCAL
LPF
HPF
Figure 30. Energy Calculation in Missing Neutral Mode
Important Note for Billing of Active Energy
The ADE7761 provides pulse outputs—CF, F1, and F2—
intended to be used for the billing of active energy. Pulses are
generated at these outputs in two different situations.
Case 1:
When the analog input V2P – V2N complies with the
conditions described in Figure 32, CF, F1, and F2 frequencies
are proportional to active power and can be used to bill active
energy.
Case 2:
When the analog input V2P – V2N does not comply with
the conditions described in Figure 32, the ADE7761 does not
measure active energy, but a quantity proportional to kAh. This
quantity is used to generate pulses on the same CF, F1, and F2.
This situation is indicated when the FAULT pin is high.
Analog Devices Inc. cautions users of the ADE7761:
Billing active energy in Case 1 is consistent with the
understanding of the quantity represented by pulses on
CF, F1, and F2 outputs (watt-hour).
Billing active energy while the ADE7761 is in Case 2 must
be decided knowing that the entity measured by the
ADE7761 in this case is ampere-hour and not watt-hour.
Users should be aware of this limitation and decide if the
ADE7761 is appropriate for their application.
Missing Neutral Detection
The ADE7761 continuously monitors the voltage input and
detects a missing neutral condition when the voltage input peak
value is smaller than 9% of the analog full scale or when no zero
crossings are detected on this input (see Figure 31).
0V
FS
FS
0V
FS
9% OF FS
0V
FILTER AND
THRESHOLD
V2
V2P
V2N
AGND
ADC
MISSING
NEUTRAL
|V2|PEAK < 9% OF FULL SCALE
V2P–V2N
V2P–V2N
V2P–V2N
NO ZERO-CROSSING ON V2
OR
Figure 31. Missing Neutral Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com