Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761ARS Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7761ARS
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761ARS Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7761ARS Datasheet HTML 18Page - Analog Devices ADE7761ARS Datasheet HTML 19Page - Analog Devices ADE7761ARS Datasheet HTML 20Page - Analog Devices ADE7761ARS Datasheet HTML 21Page - Analog Devices ADE7761ARS Datasheet HTML 22Page - Analog Devices ADE7761ARS Datasheet HTML 23Page - Analog Devices ADE7761ARS Datasheet HTML 24Page - Analog Devices ADE7761ARS Datasheet HTML 25Page - Analog Devices ADE7761ARS Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADE7761
Rev. A | Page 22 of 28
The ADE7761 leaves the missing neutral mode for normal
operation when both conditions are no longer valid—voltage
peak value greater than 9% of full scale and zero crossing on the
voltage channel detected (see Figure 32).
FILTER AND
THRESHOLD
V2
V2P
V2N
AGND
ADC
MISSING
NEUTRAL
|V2|PEAK > 9% OF FULL SCALE
AND
ZERO-CROSSING ON V2
FS
+9% OF FS
–9% OF FS
V2P–V2N
Figure 32. Return to Normal Mode after Missing Neutral Detection
Missing Neutral Gain Calibration
When the ADE7761 is in missing neutral mode, the energy is
billed based on the active current input signal level. The
calibration of the frequency outputs in this mode can be done
with the MISCAL analog input pin. In this mode, applying a dc
voltage of 330 mV on MISCAL is equivalent to applying, in
normal mode, a pure sine wave on the voltage input with a peak
value of 330 mV. The MISCAL input can vary from 0 V to
660 mV (see the Analog Inputs section). When set to 0 V, the
frequency outputs are close to zero. When set to 660 mV dc, the
frequency outputs are twice that when MISCAL is at 330 mV
dc. In other words, Equation 7 can be used in missing neutral
mode by replacing V2rms by MISCALrms √2:
2
4
1
2
1
2
/
70
.
5
,
REF
rms
V
F
MISCAL
Frequency
F
F
−
×
×
=
(8)
where:
F1, F2 Frequency is the output frequency on F1 and F2 (Hz).
V1rms is the differential rms voltage signal on Channel 1 (V).
MISCALrms is the differential rms voltage signal on the MISCAL
pin (V).
VREF is the reference voltage (2.5 V ± 8%) (V).
F1-4 is one of four possible frequencies selected by using the
logic inputs S0 and S1 (see Table 5).
Example
In normal mode, ac voltages of ±330 mV peak are applied to V1
and V2, and then the expected output frequency on F1 and F2 is
calculated as follows:
F1–4 = 1.7 Hz, SCF = S1 = S0 = 0
V1 = rms of 330 mV peak ac = 0.33/√2 V
V2 = rms of 330 mV peak ac = 0.33/√2 V
VREF = 2.5 V (nominal reference value)
Hz
4
.
5
64
Hz
084
.
0
5
.
2
2
2
Hz
7
.
1
33
.
0
33
.
0
70
.
5
,
2
1
2
=
×
−
=
=
×
×
×
×
×
=
frequency
F
F
Frequency
CF
Frequency
F
F
2
1
In missing neutral mode, ac voltage of ±330 mV peak is applied
to V1, no signal is connected on V2, and 330 mV dc input is
applied to MISCAL. With the ADE7761 in the same configura-
tion as the previous example, the expected output frequencies
on CF, F1, and F2 are
Hz
4
.
5
64
,
Hz
084
.
0
5
.
2
2
Hz
7
.
1
2
/
33
.
0
33
.
0
70
.
5
,
2
1
2
=
×
=
=
×
×
×
×
=
frequency
F
F
Frequency
CF
Frequency
F
F
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com