Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C40P Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT95C40P
Description  CID Type Phone 8-Bit MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C40P Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT95C40P Datasheet HTML 3Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 10Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Pin Name
I/O
Description
Peripherals
DTMF
O
This pin outputs dual tone signals to dial out the phone number. The load resistor should
not be less than 5k
W.
MUSIC
O
This pin outputs the single tone that is generated by the PFD generator.
TIP
I
Input pin connected to the tip side of the twisted pair wires. It is internally biased to 1/2
VDD when the device is in power-up mode. This pin must be DC isolated from the line.
RING
I
Input pin connected to the ring side of the twisted pair wires. It is internally biased to 1/2
VDD when the device is in power-up mode. This pin must be DC isolated from the line.
RDET1
I
This pin detects ring energy on the line through an attenuating network.
RTIME
I/O
Schmitt trigger input and NMOS output pin which functions with RDET1 pin to make an
RC network that performs ring detection function.
LBIN
I
This pin detects battery low through external R1/R2 to determine threshold voltage.
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................. VSS
-0.3 to VDD+0.3V
Operating Temperature ..........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
CPU
IIDL
Idle Mode Current
5V
32768Hz off, 3.58MHz off,
CPU off, LCD off, WDT off,
no load
¾¾
2
mA
ISLP
Sleep Mode Current
5V
32768Hz on, 3.58MHz off,
CPU off, LCD off, WDT off,
no load
¾
17
30
mA
IGRN
Green Mode Current
5V
32768Hz on, 3.58MHz off,
CPU on, LCD off, WDT off,
no load
¾
28
50
mA
INOR
Normal Mode Current
5V
32768Hz on, 3.58MHz on,
CPU on, LCD on, WDT on,
DTMF generator off,
FSK decoder off, no load
¾
1.8
3
mA
VIL
I/O Port Input Low Voltage
5V
¾
0
¾
1V
VIH
I/O Port Input High Voltage
5V
¾
4
¾
5V
IOL
I/O Port Sink Current
5V
¾
46
¾
mA
IOH
I/O Port Source Current
5V
¾-2
-3
¾
mA
RPH
Pull-high Resistor
5V
¾
10
30
¾
k
W
VLBIN
Low Battery Detection
Reference Voltage
5V
¾
1.05
1.15
1.25
V
HT95CXXX
Rev. 1.50
7
May 26, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com