Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS249 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS249
Description  BCD to 7-Segment Decoder with Open-Collector Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS249 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS249 Datasheet HTML 1Page - National Semiconductor (TI) DM74LS249 Datasheet HTML 2Page - National Semiconductor (TI) DM74LS249 Datasheet HTML 3Page - National Semiconductor (TI) DM74LS249 Datasheet HTML 4Page - National Semiconductor (TI) DM74LS249 Datasheet HTML 5Page - National Semiconductor (TI) DM74LS249 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
VCC ea50V TA ea25 C
RL e 2kX
Symbol
Parameter
CL e 15 pF
Units
Min
Max
tPLH
Propagation Delay Time
100
ns
tPHL
An to a–g (54LS RL e 2kX)
100
tPLH
Propagation Delay Time
100
ns
tPHL
BI to a – g (54LS RL e 6kX)
100
Numerical DesignationsResultant Displays
TLF10213 – 3
Truth Table
Decimal
Inputs
Outputs
or
Note
Function
LT
A3
A2
A1
A0
BIRBO
abc
d
e
f
g
0
H
LLLL
H
HHHHHH
L
1
1
H
L
L
L
H
H
L
H
H
LLLL
1
2
H
L
L
H
L
H
H
HLH
HLH
3
H
L
L
H
H
H
HHHH
L
L
H
4
H
L
H
L
L
H
LH
HL
LH
H
5
H
LHLH
H
H
L
H
H
L
H
H
6
H
L
H
H
L
H
L
L
HHHHH
7
H
L
H
H
H
H
H
H
H
LLLL
8
H
H
L
L
L
H
HHHHHHH
9
H
H
L
L
H
H
HHH
L
L
HH
10
H
HLHL
H
L
L
L
H
H
L
H
11
H
H
L
H
H
H
LL
H
H
LL
H
12
H
H
H
L
L
H
L
H
LLL
H
H
13
H
H
H
L
H
H
H
L
LHLH
H
14
H
H
H
H
L
H
L
L
L
HHHH
15
H
HHHH
H
LLLLLLL
BI
X
XXXX
L
LLLLLLL
2
LT
L
XXXX
H
HHHHHHH
3
Note 1
BIRBO is wired-AND logic serving as blanking input (BI) andor ripple-blanking output (RBO) The blanking out (BI) must be open or held at a HIGH level
when output functions 0 through 15 are desired X e input may be HIGH or LOW
Note 2
When a LOW level is applied to the blanking input (forced condition) all segment outputs go to a LOW level regardless of the state of any other input
condition
Note 3
When the blanking inputripple-blanking output (BIRBO) is open or held at a HIGH level and a LOW level is applied to lamp test input all segment outputs
go to a HIGH level
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com