Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP2N60P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP2N60P
Description  PolarHV Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP2N60P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP2N60P Datasheet HTML 1Page - IXYS Corporation IXTP2N60P Datasheet HTML 2Page - IXYS Corporation IXTP2N60P Datasheet HTML 3Page - IXYS Corporation IXTP2N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTP 2N60P
IXTY 2N60P
Fig. 11. Capacitance
1
10
100
1000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
01
23
456
7
Q G - nanoCoulombs
VDS = 300V
ID = 1A
IG = 10mA
Fig. 7. Input Adm ittance
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
44.5
55.5
66.5
77.5
VG S - Volts
TJ =125ºC
25
ºC
-40
ºC
Fig. 8. Transconductance
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
I D - Amperes
TJ = -40ºC
25
ºC
125
ºC
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
1
2
3
4
5
6
7
0.40.5
0.60.7
0.80.9
1
VS D - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 13. Maxim um Transient Therm al
Resistance
0.1
1.0
10.0
0.1
1
10
100
1000
Pulse Width - milliseconds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com