Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY2N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTY2N60P
Description  PolarHV Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY2N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTY2N60P Datasheet HTML 1Page - IXYS Corporation IXTY2N60P Datasheet HTML 2Page - IXYS Corporation IXTY2N60P Datasheet HTML 3Page - IXYS Corporation IXTY2N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 IXYS All rights reserved
G = Gate
D = Drain
S = Source
TAB = Drain
DS99422E(04/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 25 µA
600
V
V
GS(th)
V
DS = VGS, ID = 250 µA
3.0
5.0
V
I
GSS
V
GS = ±30 V, VDS = 0 V
±50
nA
I
DSS
V
DS = VDSS
1
µA
V
GS = 0 V
T
J = 125° C50
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
5.1
Ω
Pulse test, t
≤300 µs, duty cycle d ≤ 2 %
PolarHVTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Features
l International standard packages
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density
TO-220 (IXTP)
D
(TAB)
G
S
IXTP 2N60P
IXTY 2N60P
V
DSS
= 500
V
I
D25
=
2
A
R
DS(on) ≤
≤≤≤≤ 5.1
Ω
Ω
Ω
Ω
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
° C to 150° C
600
V
V
DGR
T
J
= 25
° C to 150° C; R
GS = 1 MΩ
600
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25° C2
A
I
DM
T
C = 25° C, pulse width limited by TJM
4A
I
AR
T
C = 25° C2
A
E
AR
T
C = 25° C10
mJ
E
AS
T
C = 25° C
150
mJ
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
10
V/ns
T
J
≤150° C, R
G = 50 Ω
P
D
T
C = 25° C55
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque
(TO-220)
1.13/10 Nm/lb.in.
Weight
TO-220
4
g
TO-252
0.8
g
TO-252 AA (IXTY)
G
S
(TAB)


Similar Part No. - IXTY2N60P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTY2N60P ISC-IXTY2N60P Datasheet
307Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTY2N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
ITXP1R6N50P IXYS-ITXP1R6N50P Datasheet
119Kb / 4P
PolarHV Power MOSFET
IXTA3N50P IXYS-IXTA3N50P Datasheet
236Kb / 5P
PolarHV Power MOSFET
IXTP10N60PM IXYS-IXTP10N60PM Datasheet
53Kb / 2P
PolarHV Power MOSFET
IXFH16N80P IXYS-IXFH16N80P Datasheet
207Kb / 5P
PolarHV Power MOSFET
IXTH36N50P IXYS-IXTH36N50P Datasheet
384Kb / 5P
PolarHV Power MOSFET
IXTQ44N50P IXYS-IXTQ44N50P Datasheet
154Kb / 5P
PolarHV Power MOSFET
IXTH26N60P IXYS-IXTH26N60P Datasheet
236Kb / 5P
PolarHV Power MOSFET
IXTP8N50PM IXYS-IXTP8N50PM Datasheet
112Kb / 2P
PolarHV Power MOSFET
IXTI10N60P IXYS-IXTI10N60P Datasheet
246Kb / 4P
PolarHV Power MOSFET
IXTT26N50P IXYS-IXTT26N50P Datasheet
343Kb / 5P
PolarHV Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com