Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT109M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT109M
Description  DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT109M Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT109M Datasheet HTML 1Page - Texas Instruments CD74ACT109M Datasheet HTML 2Page - Texas Instruments CD74ACT109M Datasheet HTML 3Page - Texas Instruments CD74ACT109M Datasheet HTML 4Page - Texas Instruments CD74ACT109M Datasheet HTML 5Page - Texas Instruments CD74ACT109M Datasheet HTML 6Page - Texas Instruments CD74ACT109M Datasheet HTML 7Page - Texas Instruments CD74ACT109M Datasheet HTML 8Page - Texas Instruments CD74ACT109M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CD54ACT109, CD74ACT109
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCHS327 – JANUARY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
The ’ACT109 devices contain two independent J-K positive-edge-triggered flip-flops. A low level at the preset
(PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the other inputs. When PRE
and CLR are inactive (high), data at the J and K inputs meeting the setup-time requirements are transferred to
the outputs on the positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a voltage level and
is not directly related to the rise time of the clock pulse. Following the hold-time interval, data at the J and K inputs
can be changed without affecting the levels at the outputs. These versatile flip-flops can perform as toggle
flip-flops by grounding K and tying J high. They also can perform as D-type flip-flops if J and K are tied together.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT109E
CD74ACT109E
55
°Cto125°C
SOIC
M
Tube
CD74ACT109M
ACT109M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74ACT109M96
ACT109M
CDIP – F
Tube
CD54ACT109F3A
CD54ACT109F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUTS
PRE
CLR
CLK
J
K
Q
Q
L
H
X
X
X
H
L
H
LX
X
X
L
H
L
LX
X
X
H†
H†
H
H
↑
LL
L
H
H
H
↑
H
L
Toggle
H
H
↑
LH
Q0
Q0
H
H
↑
HH
H
L
H
H
L
X
X
Q0
Q0
‡ Unpredictable and unstable condition if both PRE and CLR
go high simultaneously after both being low at the same
time
CD54ACT109 ...F PACKAGE
CD74ACT109 ...E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1CLR
1J
1K
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2J
2K
2CLK
2PRE
2Q
2Q
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74ACT109M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT109M TI-CD74ACT109M Datasheet
349Kb / 11P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74ACT109M TI2-CD74ACT109M Datasheet
412Kb / 14P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
JANUARY 2003
CD74ACT109M96 TI-CD74ACT109M96 Datasheet
349Kb / 11P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74ACT109M96 TI2-CD74ACT109M96 Datasheet
412Kb / 14P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
JANUARY 2003
CD74ACT109M96.A TI2-CD74ACT109M96.A Datasheet
412Kb / 14P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
JANUARY 2003
More results

Similar Description - CD74ACT109M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54109 TI-SN54109 Datasheet
271Kb / 7P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54ALS109A TI-SN54ALS109A Datasheet
138Kb / 9P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS109A HITACHI-HD74LS109A Datasheet
68Kb / 6P
Dual J-K Positive-edge-triggered Flip-Flops(with Preset and Clear)
logo
Texas Instruments
74AC11109 TI-74AC11109 Datasheet
89Kb / 7P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI-SN54F109 Datasheet
109Kb / 6P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54ACT109 TI-CD54ACT109_08 Datasheet
349Kb / 11P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74HC109NSR TI1-SN74HC109NSR Datasheet
855Kb / 19P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI1-SN54F109_15 Datasheet
563Kb / 15P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS109A TI1-SN54ALS109A_15 Datasheet
1Mb / 19P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS109 TI1-SN74LS109_V01 Datasheet
409Kb / 12P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com