Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1043 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1043
Description  1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1043 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1043 Datasheet HTML 17Page - SMSC Corporation EMC1043 Datasheet HTML 18Page - SMSC Corporation EMC1043 Datasheet HTML 19Page - SMSC Corporation EMC1043 Datasheet HTML 20Page - SMSC Corporation EMC1043 Datasheet HTML 21Page - SMSC Corporation EMC1043 Datasheet HTML 22Page - SMSC Corporation EMC1043 Datasheet HTML 23Page - SMSC Corporation EMC1043 Datasheet HTML 24Page - SMSC Corporation EMC1043 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1°C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
Datasheet
SMSC EMC1043
21
Revision 1.37 (09-05-06)
DATASHEET
4.5
Configuration 2 Register - (04h)
The Configuration 2 Register controls the basic functionality of the EMC1043 that is NOT compatible
with the EMC1023.
Bit 3 - MAX_RES - controls the external diode conversion time during dynamic averaging. Although
the dynamic averaging may be used to increase the ADC resolution, only 11 bits of data are available
in the temperature registers.
‘0’ - the dynamic averaging will set the ADC averaging factor at 1x when the conversion rate is set
at 16 conversions per second and 2x at conversion rates lower than 16 per second.
‘1’ (default) - the dynamic averaging will set the ADC averaging factor at 1x when the conversion
rate is set at 16 conversions per second, 2x at 8 conversions / second and 4x at conversion rates
lower than 8 per second.
Bit 2 - DA_n - controls the dynamic digital averaging circuitry. See Section 3.3.2.
‘0’ (default) - dynamic averaging is enabled. Depending on the selected conversion rate, the ADC
averaging factor is increased for the external diodes.
‘1’ - dynamic averaging is disabled. The ADC averaging factor will remain fixed at 1x for all
conversion rates and will allow increased power savings at the slower conversion rates.
Bit 1 - COMP - configures the device to perform a comparison for the Hotter of Two mode (see Section
3.3, "Operation During Run Mode," on page 12.)
‘0’ (default) - the device is in normal mode
‘1’ - the device is in Hotter of Two mode. In this mode, the two external diode channels are
measured and compared against each other. The hotter of the two channels has its data loaded
into the External Diode 2 Data Registers. The Internal Diode and External Diode 1 Data Registers
remain unaffected.
Bit 0 - REC - controls the Resistance Error Correction circuitry
'0' - - The Resistance Error Correction circuitry is disabled.
'1' (default) - The Resistance Error Correction circuitry is active and will automatically correct for
up to 100 ohms of series resistance in the diode lines for both External Diode 1 and External Diode
2 channels.
4.6
One Shot Register - (0Fh)
The One Shot Register is an address place holder for the one-shot command. Writing to the address
initiates the command. The data written is not important and is not stored. Reading from the one-shot
registers will always return 00h.
Table 4.5 Configuration 2 Register
ADDR
REGISTER
B7B6B5B4
B3
B2
B1
B0
DEFAULT
04h
CFG2
-
-
-
-
MAX_RES
DA_n
COMP
REC
09h
Table 4.6 One Shot Registers
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
One Shot
Conversion
Writing to this register address initiates the one-shot. The data is not
important and is not stored
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com