Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS95V847 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS95V847
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V847 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS95V847 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ICS95V847
0718D—04/08/05
Absolute Maximum Ratings
Supply Voltage (VDD & AVDD) . . . . . . . . . . . -0.5V to 4.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.5V to VDD + 0.5V
Ambient Operating Temperature . . . . . . . . . . 0°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
5
µA
Input Low Current
IIL
VI = VDD or GND
5
µA
IDD2.5
CL = 0pf @ 200MHz
148
mA
IDDPD
CL = 0pf
100
µA
High Impedance
Output Current
IOZ
VDD = 2.7V, Vout = VDD or
GND
±10
mA
Input Clamp Voltage
VIK
VDD = 2.3V Iin = -18mA
-1.2
V
IOH = -1 mA
VDD - 0.1
V
IOH = -12 mA
1.7V
V
IOL =1 mA
0.1
V
IOH =12 mA
0.6
V
Input Capacitance
1
CIN
VI = GND or VDD
2.5
3.5
pF
1Guaranteed by design at 233MHz, not 100% tested in production.
Operating Supply
Current
High-level output
voltage
VOH
Low-level output voltage
VOL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com