Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1270NA Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1270NA
Description  Hi-Brite 200 MHz I2C Compatible RGB Image Enhancer with Video Auto Sizing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1270NA Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM1270NA Datasheet HTML 17Page - National Semiconductor (TI) LM1270NA Datasheet HTML 18Page - National Semiconductor (TI) LM1270NA Datasheet HTML 19Page - National Semiconductor (TI) LM1270NA Datasheet HTML 20Page - National Semiconductor (TI) LM1270NA Datasheet HTML 21Page - National Semiconductor (TI) LM1270NA Datasheet HTML 22Page - National Semiconductor (TI) LM1270NA Datasheet HTML 23Page - National Semiconductor (TI) LM1270NA Datasheet HTML 24Page - National Semiconductor (TI) LM1270NA Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Register Descriptions (Continued)
Clamp Duration
Register
Addr
76543210
CL_DUR
04
CLD7
CLD6
CLD5
CLD4
CLD3
CLD2
CLD1
CLD0
This is an 8 bit wide register that sets the width of the active clamp pulse in increments of 2 cycles of the main PLL pixel clock.
Registers 05–07 are not used
Register
Addr
76543210
Not Used
05
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
Not Used
06
RSV
RSV
Not Used
07
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
Registers 05–07 are not used. However, data can be written to these registers and read back from these registers at the “RSV”
locations. Any data written to these registers will not affect the operation of the LM1270.
V Blank Duration
Register
Addr
7
6543210
V_BL_DU
08
VB6
VB5
VB4
VB3
VB2
VB1
VB0
This is a 7 bit wide register that sets the width of the active V Blank pulse in horizontal line periods.
Input A Contrast
Register
Addr
7
6543210
ACONT
09
ABLNK
ACON6
ACON5
ACON4
ACON3
ACON2
ACON1
ACON0
Bit 0–6: This is a 7 bit wide register that sets the contrast level of input A. When the register is zero, the output is at minimum
contrast.
Bit 7:
Setting this bit sets the input A only to black level.
If bit 7 = 0, normal video. (Default)
If bit 7 = 1, Input A set to black level
Input B Contrast
Register
Addr
7
6543210
BCONT
0A
BBLNK
BCON6
BCON5
BCON4
BCON3
BCON2
BCON1
BCON0
Bit 0–6: This is a 7 bit wide register that sets the contrast level of input B. When the register is zero, the output is at minimum
contrast.
Bit 7:
Setting this bit sets the input B only to black level.
If bit 7 = 0, normal video. (Default)
If bit 7 = 1, Input B set to black level
Emphasis
Register
Addr
7
6
5
4
3
2
1
0
EMPHASIS
0B
WIN_SEL
VREF
WCHE
WGHE
RSV
EMP2
EMP1
EMP0
Bit 2–0: This is a 3 bit wide register that sets the emphasis level of input B. When this value is zero, no emphasis is applied.
Bit 3:
Reserved.
Bit 4:
This bit controls the horizontal edge used to start the pixel counters in the Dynamic Window Generation block and Video
Data Transfer detect block.
If bit 4 = 0, H_FEEDBACK which is in sync with PLL, is used for the edge.
If bit 4 = 1, HSYNC synchronized to pixel clock is used as the edge.
Bit 5:
This bit controls the horizontal edge used to start the pixel counters in the Window Calibration block.
If bit 5 = 0, H_FEEDBACK which is in sync with PLL, is used for the edge.
If bit 5 = 1, HSYNC synchronized to pixel clock is used as the edge.
Note: Two separate bits are used in case these blocks need to be in different modes.
Bit 6:
This bit controls which source is selected for the reference voltage V
REF.
If bit 6 = 0, internal V
REF is selected. (Default)
If bit 6 = 1, external V
REF is selected
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com