Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SM Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGAP2SM
Description  STGAP2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SM Datasheet(HTML) 5 Page - STMicroelectronics

  STGAP2SM Datasheet HTML 1Page - STMicroelectronics STGAP2SM Datasheet HTML 2Page - STMicroelectronics STGAP2SM Datasheet HTML 3Page - STMicroelectronics STGAP2SM Datasheet HTML 4Page - STMicroelectronics STGAP2SM Datasheet HTML 5Page - STMicroelectronics STGAP2SM Datasheet HTML 6Page - STMicroelectronics STGAP2SM Datasheet HTML 7Page - STMicroelectronics STGAP2SM Datasheet HTML 8Page - STMicroelectronics STGAP2SM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4
Electrical characteristics
Table 5. Electrical characteristics
(TJ = 25 °C, VH = 15 V, VDD = 5 V, unless otherwise specified)
Symbol
Pin
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Dynamic characteristics
tDon
IN+, IN-
Input to output propagation
delay ON
-
50
75
90
ns
tDoff
IN+, IN-
Input to output propagation
delay OFF
-
50
75
90
ns
tr
-
Rise time
CL =4.7 nF, 10% ÷ 90%
-
30
-
ns
tf
-
Fall time
CL =4.7 nF, 90% ÷ 10%
-
30
-
ns
PWD
-
Pulse width distortion
|tDon -tDoff|
-
-
-
20
ns
tdeglitch
IN+, IN-
Inputs deglitch filter
-
-
20
40
ns
CMTI(1)
-
Common-mode transient
immunity,
|dVISO/dt|
VCM = 1500 V, see
Figure 13
100
-
-
V/ns
Supply voltage
VHon
-
VH UVLO turn-on threshold
-
8.6
9.1
9.6
V
VHoff
-
VH UVLO turn-off threshold
-
7.9
8.4
8.9
V
VHhyst
-
VH UVLO hysteresis
-
0.60
0.75
0.95
V
IQHU
-
VH undervoltage quiescent
supply current
VH =7 V
-
1.3
1.8
mA
IQH
-
VH quiescent supply current
-
-
1.3
1.8
mA
IQHSBY
-
Standby VH quiescent supply
current
Standby mode
-
400
550
µA
SafeClp
-
GOFF active clamp
IGOFF =0.2 A;
VH floating
-
2
2.3
V
IQDD
-
VDD quiescent supply current
-
-
1
1.3
mA
IQDDSBY
-
Standby VDD quiescent
supply current
Standby mode
-
40
65
µA
Logic inputs
Vil
IN+, IN-
Low level logic threshold
voltage
-
0.29 ·VDD 1/3 · VDD 0.37 · VDD
V
Vih
IN+, IN-
High level logic threshold
voltage
-
0.62 ·VDD 2/3 · VDD 0.70 · VDD
V
IINh
IN+, IN-
INx logic “1” input bias current INx = 5 V
33
50
77
µA
IINl
IN+, IN-
INx logic “0” input bias current INx = GND
-
-
1
µA
Rpd
IN+, IN-
Inputs pull-down resistors
INx = 5 V
65
100
150
kΩ
Driver buffer section
IGON
-
Source short-circuit current
TJ =25 °C
-
4
-
A
TJ =-40 ÷ +125 °C(1)
3
-
5
VGONH
-
Source output high level
voltage
IGON =100 mA
VH -0.15
VH -0.125
-
V
STGAP2S
Electrical characteristics
DS12541 - Rev 3
page 5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com